PART |
Description |
Maker |
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
HIN208CA-T HIN202CBN-T HIN202CB-T |
5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
ISL6227IAZ-T |
Dual Mobile-Friendly PWM Controller with DDR Option; Temperature Range: -40°C to 85°C; Package: 28-QSOP T&R
|
INTERSIL CORP
|
ISL9212A ISL9212AIRZ ISL9200EVAL1 ISL9212AIRZ-T |
Charging System Safety Circuit; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R SWITCHING REGULATOR, PDSO12
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
PA10A |
Linear Op-Amp, 90V, 5A "Select" Grade RoHS Compliant: Yes OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CBFM8
|
Cirrus Logic, Inc.
|
HIP1012ACBZA-T |
Dual Power Distribution Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14
|
Intersil, Corp.
|
MC74LCX16244DTR2 MC74LCX16244DTG |
Low−Voltage CMOS 16−Bit Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
ON Semiconductor
|
350874-3 1-794762-5 2-480705-0 1-1123688-7 5223957 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); UMNL SOK 18-14 .0125 PTPPHBZ ( AMP ) .250" Centerline, 600 V, 19 – 36 A max Quick Reference Guide 2-Piece Power Connectors MULTI–BEAM XL™ – Power Distribution (W–to–B) Connector System VITA 46 Connectors Sealed Universal MATE–N–LOK Connectors VITA 62 Connectors
|
Tyco Electronics
|
LT1996IMSPBF LT1996IMSTR |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10
|
Linear Technology, Corp.
|
ISL29010 ISL29010IROZ-EVALZ ISL29010IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|