PART |
Description |
Maker |
1-796980-0 796980-2 1-796980-2 2-796980-2 796980-3 |
TERMINAL BLOCK, HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 7.62mm PITCH
|
Tyco Electronics
|
1-1776153-0 |
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 7.5mm PITCH
|
Tyco Electronics
|
1776160-4 1776160-3 1776160-2 C-1776160 |
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 10.00mm PITCH
|
Tyco Electronics
|
1-1776139-0 1-1776139-1 1-1776139-2 1776139-3 1776 |
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
|
Tyco Electronics
|
IRDCIP1201-A |
300KHZ, DUAL 15A, 3.14V IN TO 5.5V IN DUAL OUTPUT SYNCHRONOUS BUCK CONVERTER USING IP1201
|
http:// International Rectifier
|
HJD-2Z-1.9G |
1800 MHz - 1990 MHz RF/MICROWAVE 180 DEGREE HYBRID COUPLER, 0.3 dB INSERTION LOSS-MAX HYBRID JUNCTION
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc.
|
ISL6402 |
Dual 300kHz Step-Down PWM and Single Linear Controller
|
Intersil
|
ISL6534 ISL6534CRZ ISL6534CR ISL6534CR-T ISL6534CR |
Dual PWM Controller and LDO Regulator 2%; DDR or Independent Mode; Freq = 300kHz nominal (adjustable 100 to 1000kHz) Dual PWM with Linear
|
INTERSIL[Intersil Corporation]
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
ISL6444CA ISL6444CA- ISL6444 ISL6444CA-T |
PWM Controller, Dual, VOUT =0.8V-5.5V @ 1%, DDR memory, Broadband Gateway, 300kHz, VIN 4.5V to 28V Dual PWM Controller with DDR Memory Option for Gateway Applications
|
INTERSIL[Intersil Corporation]
|