PART |
Description |
Maker |
15ETH06 15ETH06-1 15ETH06S 15ETH06FP |
Hyperfast Rectifier Hyperfast整流 600V 15A Hyperfast Discrete Diode in a TO-220 FullPack package 600V5A条Hyperfast分立二极管采TO - 220 FullPack 600V 15A HyperFast Discrete Diode in a TO-220AC package 600V 15A HyperFast Discrete Diode in a TO-262 package 600V 15A HyperFast Discrete Diode in a D2-Pak (UltraFast) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4PC50F IRG4PC50F-E |
70 A, 600 V, N-CHANNEL IGBT, TO-247AC 70 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A) 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
STGP7NB60F STGD7NB60FT4 STGD7NB60F |
14 A, 600 V, N-CHANNEL IGBT, TO-220AB Transient Surge Protection Thyristor; Thyristor Type:Sidac; Package/Case:MS-013; Reel Quantity:1500; Repetitive Reverse Voltage Max, Vrrm:58V; Capacitance:70pF; Forward Voltage:5V; Holding Current:120mA; Leakage Current:5uA RoHS Compliant: NA N-CHANNEL 7A 600V TO-220/DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HGT1S20N60C3S HGTG20N60C3 HGTP20N60C3 G20N60C3 HGT |
45 A, 600 V, UFS N-Channel IGBT Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0654-6 53 45 A, 600 V, N-CHANNEL IGBT, TO-263AB 45A, 600V, UFS Series N-Channel IGBT 5A00V的,的ufs系列N沟道IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRG4PC30 IRG4PC30F IRG4PC30F-EPBF IRG4PC30FPBF |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 31 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
Vishay Intertechnology, Inc. International Rectifier
|
IRG4PC30S IRG4PC30SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
|
IRF[International Rectifier]
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4BC20W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|
IRG4BC40W IRG4BC40W-S |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
|
IRF[International Rectifier]
|
STGW20NC60V STGP20NC60V |
N-CHANNEL 30A - 600V TO-220/TO-247 HYPERFAST POWERMESH IGBT N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRG4BC30S-S IRG4BC30SS IRG4BC30S-STRL IRG4BC30S-ST |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 18A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 18A条一(c)|63AB INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A) 绝缘栅双极晶体管IGBT的标准速度(VCES和\u003d 600V电压的Vce(on)典\u003d.4V,@和VGE \u003d 15V的,集成电路\u003d 18A条) INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V Vce(on)typ.=1.4V @Vge=15V Ic=18A) 600V DC-1 kHz (Standard) Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|