PART |
Description |
Maker |
MCSOH/AE40.6MHZ MCSOH/AE131.072MHZ MCSOH/AE32.768M |
CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 131.072 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 132.7104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 22.1184 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 144 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.2368 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 102.4 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 24 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 36.864 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 66.3552 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.288 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10.15 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.7456 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS/LSTTL OUTPUT
|
Golledge Electronics, Ltd. GOLLEDGE ELECTRONICS LTD
|
MAX4580 MAX4580CAE MAX4580CPE MAX4580CWE MAX4580EA |
1.25<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST.CMOS Analog Switches 1.25Ω、双路SPST、CMOS模拟开 1.25з, Dual SPST, CMOS Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1.25 / Dual SPST / CMOS Analog Switches 1.25, Dual SPST, CMOS Analog Switches 1.25, Dual SPST,CMOS Analog Switches 1.25 Dual SPST CMOS Analog Switches 1.25? Dual SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
CDP1851 CDP1851C CDP1851CD CDP1851CDX CDP1851CE CD |
CMOS Programmable I/O Interface From old datasheet system CMOS Programmable I/O Interface(CMOS 可编程I/O接口) CMOS可编程I / O接口的CMOS(可编程的I / O接口 CMOS Programmable I/O Interface(CMOS ???绋?/O?ュ?)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
SM1120BDE SM1120BDS SM1120BDV SM1120BDW SM1120BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
VTD3 VTD3-H12D-13M00 VTD3-J21A-12M80 VTD3-H23C-11M |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44.736 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.68 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.5 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
SMCJ50DC SMCJ7.5 SMCJ48 SMCJ6.0DC SMCJ7.0A SMCJ48A |
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR CMOS Decade Counter with 10 Decoded Outputs 16-SO -55 to 125 CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS Decade Counter with 10 Decoded Outputs 16-PDIP -55 to 125 CMOS Hex Inverting Buffer/Converter 16-SOIC -55 to 125
|
DC Components Co., Ltd. http://
|
|