PART |
Description |
Maker |
AT28C010 |
1M bit EEPROM with 128-Byte Page & Software Data Protection
|
Atmel
|
AT28LV010 |
1M bit EEPROM with 128-Byte Page & Software Protection, 3.0-Volt
|
Atmel
|
SLE4440 SLE4441M3 SLE4432C SLE4440M3 |
Intelligent 64-byte EEPROM With Write Protect Function and PSC(带写保护和程序安全代码智能化64字节EEPROM) 128 X 8 EEPROM 5V, XMA8 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 64 X 8 EEPROM 5V, XMA8
|
SIEMENS AG INFINEON TECHNOLOGIES AG
|
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
AT05SC3208R |
Low-power, industry standard 8-bit secure microcontroller with 32K Byte ROM, 8K Byte EEPROM, 1K RAM.
|
Atmel
|
CAT24C512LI-G CAT24C512XI-T2 CAT24C512WI-GT3 CAT24 |
512 kb I2C CMOS Serial EEPROM 128?Byte Page Write Buffer
|
ON Semiconductor
|
HN58C1001 HN58C1001FP-15 HN58C1001FP-15E HN58C1001 |
Memory>EEPROM>Parallel EEPROM 1M EEPROM (128-kword 】 8-bit) Ready/Busy and RES function
|
Renesas Electronics Corporation
|
SLE44C84S |
8-bit Security Controller with 26-Kbyte ROM, 256-byte RAM, 512-byte XRAM and 8-Kbyte EEPROM(8位安全微控制6K字节ROM,256字节RAM,512字节XRAM,8-K字节EEPROM)) 8位安全控制器6字节ROM56字节RAM12字节XRAM8字节的EEPROM8位安全微控制器(带光6万字节,256字节的RAM12字节XRAM8 -亩字节的EEPROM))
|
SIEMENS AG
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
SLE22C05S |
16-bit Security Controller with 8-Kbytes ROM, 128 Bytes RAM and 512-Bytes EEPROM(16位安全控制器(B>8-K字节ROM,128 字节RAM12字节EEPROM))
|
SIEMENS AG
|
XR16C2850 XR16C2850CM48 XR16C2850IJ44 |
3.3V AND 5V DUART WITH 128-BYTE FIFO 2 CHANNEL(S), 6.25M bps, SERIAL COMM CONTROLLER, PQFP48 3.3V AND 5V DUART WITH 128-BYTE FIFO
|
Exar, Corp. Exar Corporation
|