PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
PIC16C621/PIC16C621A PIC16C622/PIC16C622A PIC16C62 |
This powerful (100 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package and is upwards compati PIC16C62X/CE62X to PIC16F62X Migration A newer version of this device is available. Please consider PIC16C621A
|
Microchip
|
HD64180ZCPJ-6 HD64180ZCP-6 HD64180ZCP-4 HD64180ZFJ |
8-BIT, 6.17 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 4 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 8 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 6.17 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64 SHRINK, PLASTIC, DIP-64
|
Cypress Semiconductor, Corp. Samtec, Inc. Incon, Inc.
|
RC64474 RC64475 79RC64474_DS_53993 IDT79RC64V47425 |
Low Cost 64-Bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP128 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 RISControllerTM嵌入4位的基础RISCore4000微处理器 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP208 RISControllerTM Embedded 64-bit Microprocessor based on RISCore4000 From old datasheet system Low Cost 64-Bit RISC CPU w/32-Bit Bus
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
ICL7109IDL ICL7109IPL ICL7109IJL ICL7109MDL ICL710 |
12-Bit, Microprocessor- Compatible A/D Converter 1-CH 12-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, CDIP40 12-Bit/ Microprocessor- Compatible A/D Converter
|
http:// INTERSIL CORP
|
SCF5250DAG1201 SCF5250AG120 SCF5250EAG1202 SCF5250 |
32-BIT, 120 MHz, MICROPROCESSOR, PQFP144 Integrated ColdFire Microprocessor Data Sheet
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc Freescale Semiconductor...
|
HI3-674AKN-5 HI1-574AJD-5 HI1-574AKD-5 HI1-574ASD_ |
A/D Converter, 50KSPS, 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface A/D Converter, 83KSPS, Bus Access Time 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface, 883 Compliant Complete, 12-Bit A/D Converters with Microprocessor Interface
|
INTERSIL[Intersil Corporation]
|
ADC0802 ADC0802LCD ADC0802LD ADC0803LCWM ADC0803LD |
From old datasheet system 8-Bit, Microprocessor-August Compatible, A/D Converters 8-Bit, Microprocessor- Compatible, A/D Converters 8-Bit/ Microprocessor- Compatible/ A/D Converters
|
http:// INTERSIL[Intersil Corporation]
|
PC7410 PC7410VGHU500N PC7410VGSU400L PC7410VGSU400 |
32-bit RISC Microprocessor, 400-450 MHZ PowerPC 7410 RISC Microprocessor Product Specification 7410的PowerPC RISC微处理器产品规格
|
Atmel, Corp. Atmel Corp.
|
RM7000A RM7000A-400T RM7000A-300T RM7000A-350T RM7 |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7000A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC[PMC-Sierra, Inc]
|
|