PART |
Description |
Maker |
2SC1317 2SC1318 2SA719 2SA720 |
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification) 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MJF122-D MJF127 |
Complementary Power Darlingtons For Isolated Package Applications Power 5A 100V Darlington NPN Power 5A 100V PNP
|
ON Semiconductor
|
2SB1492 2SD2254 2SB1490 2SD2250 |
Silicon NPN triple diffusion planar type Darlington(For power amplification) Silicon PNP epitaxial planar type Darlington(For power amplification)
|
PANASONIC[Panasonic Semiconductor]
|
IRFL9110 IRFL9110TR |
-100V Single P-Channel HEXFET Power MOSFET in a SOT-223 package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)
|
IRF[International Rectifier]
|
IRF9510S IRF9510STRL IRF9510STRR |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-100V Rds(on)=1.2ohm Id=-4.0A) Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A) Power MOSFET(Vdss=-100V/ Rds(on)=1.2ohm/ Id=-4.0A)
|
IRF[International Rectifier]
|
IRF5Y9540CM |
-100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF5Y3710CM |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*) 功率MOSFET N沟道(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.035ohm,身份证\u003d 18A POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.035ohm Id=18A*) THRU-HOLE (TO-257AA) 100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF530 IRF530PBF |
14 A, 100 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
IRF540NL IRF540NS IRF540NSTRR IRF540NLPBF IRF540NS |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A) Power MOSFET(Vdss=100V/ Rds(on)=44mohm/ Id=33A)
|
IRF[International Rectifier]
|
STP50NE10 6035 |
N-channel 100V - 0.021 - 50A TO-220 STripFET Power MOSFET N - CHANNEL 100V - 0.021ohm - 50A TO-220 STripFET POWER MOSFET From old datasheet system N-channel 100V - 0.021з - 50A TO-220 STripFET⑩ Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|