PART |
Description |
Maker |
2SC4853 |
Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4634 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FC18 |
High-Frequency Amp/ AM Amp/ Low-Frequency Amp Applications High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
LINEARTECHNOLOGYCORP-LT3844EFETR |
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
2SK2218 2SK2218-5 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-Frequency Low-Noise Amp Applications
|
Sanyo Semicon Device
|
EKLPGR10 EKLPG040CY EKLPG050CY EKLDL160CY EKLPG100 |
Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 逻辑IC Logic IC 逻辑IC Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 逻辑IC Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R
|
Cornell Dubilier Electronics, Inc. Electronic Theatre Controls, Inc.
|
2SC3650 |
High-hFE/ Low-Frequency General-Purpose Amp Applications High-hFE, Low-Frequency General-Purpose Amp Applications
|
Sanyo Semicon Device
|
2SC3576 |
High-hFE/ Low-Frequency General-Purpose Amp Applications High-hFE, Low-Frequency General-Purpose Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4705 |
Low-Frequency General-Purpose Amp/ Applications(High hFE) Low-Frequency General-Purpose Amp, Applications(High hFE)
|
Sanyo Semicon Device
|
2SC3068 |
High-hFE, Low-Frequency General-Purpose Amp Applications
|
SANYO[Sanyo Semicon Device]
|