PART |
Description |
Maker |
1N74 1N60D 1N68A 1N96A 1N72 1N73 1N93 1N63 1N61 1N |
Diode Switching 100V 10A 2-Pin Diode Switching 50V 3A 2-Pin Case A GOLD BOUNDED GERMANUM DIODE Diode Small Signal Switching 75V 0.3A Automotive 2-Pin DO-35 T/R Diode Switching 125V 0.0003A 2-Pin DO-35 Diode Switching 50V 0.005A 2-Pin Case H GOLD BONDED GERMANIUM DIODES
|
New Jersey Semiconductor
|
MMBD4448HSDW-TP MMBD4448HAQW-TP |
DIODE SWITCHING 80V 250MA SOT363 0.25 A, 80 V, 4 ELEMENT, SILICON, SIGNAL DIODE 200mW Switching Diodes
|
Micro Commercial Components, Corp.
|
150KR60 150KSR10 150KSR40 150KSR30 150KR20 150KR30 |
Diode Switching 600V 150A 2-Pin DO-8 Diode Switching 100V 150A 2-Pin Case B-42 Diode Switching 400V 150A 2-Pin Case B-42 Diode Switching 300V 150A 2-Pin Case B-42 Diode Switching 200V 150A 2-Pin DO-8 Diode Switching 300V 150A 2-Pin DO-8
|
New Jersey Semiconductor
|
MMBD4448HW-7-F |
Switching Diodes SURFACE MOUNT SWITCHING DIODE 0.25 A, 80 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
1N5223BT50R 1N5231BTR 1N5231BT26A 1N5231BT50A 1N52 |
surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 16V, 0.5W Zener Diode 33V, 0.5W Zener Diode 12V, 0.5W Zener Diode 13V, 0.5W Zener Diode 10V, 0.5W Zener Diode 25V, 0.5W Zener Diode 22V, 0.5W Zener Diode 30V, 0.5W Zener Diode 15V, 0.5W Zener Diode 27V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 11V, 0.5W Zener Diode 6.0V, 0.5W Zener Diode 4.7V, 0.5W Zener Diode 8.7V, 0.5W Zener Diode 6.2V, 0.5W Zener Diode 8.2V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode 4.3V, 0.5W Zener Diode 3.9V, 0.5W Zener Diode 3.6V, 0.5W Zener Diode 2.4V, 0.5W Zener Diode 3.3V, 0.5W Zener Diode 5.6V, 0.5W Zener Diode 5.1V, 0.5W Zener Diode 2.7V, 0.5W Zener Diode 14V, 0.5W Zener Diode 18V, 0.5W Zener Diode 20V, 0.5W Zener Diode 24V, 0.5W Zener Diode 19V, 0.5W Zener Diode
|
Fairchild Semiconductor, Corp.
|
M1MA142KT1G M1MA141KT1 M1MA142KT1 M1MA141K M1MA142 |
SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT Single Switching Diode
|
ONSEMI[ON Semiconductor]
|
CPD83V |
Switching Diode High Speed Switching Diode Chip
|
Central Semiconductor Corp
|
CPD80V10 |
Switching Diode High Voltage Switching Diode Chip
|
Central Semiconductor Corp
|
BAS521LP-7B BAS521LP-7 |
Discrete - Diodes (Less than 0.5A) - Switching Diodes 0.4 A, 325 V, SILICON, SIGNAL DIODE HIGH VOLTAGE SWITCHING DIODE
|
Diodes Incorporated
|
Q62702-A1050 BAS16W |
Silicon Switching Diode (For high speed switching applications) 0.25 A, SILICON, SIGNAL DIODE From old datasheet system
|
SIEMENS AG Siemens Semiconductor Group
|
BAY8012 BAY80-TAP |
Small Signal Switching Diode, High Voltage DIODE 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35, HALOGEN FREE AND ROHS COMPLIANT PACKAGE-2, Signal Diode
|
Vishay Siliconix Vishay Semiconductors
|
|