PART |
Description |
Maker |
UT611024LC-10 |
128K X 8BIT HIGH SPEED CMOS SRAM
|
N.A.
|
W24L010A W24L010A-10 W24L010A-12 W24L010A-15 W24L0 |
From old datasheet system Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDIP32
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IS61C1024 IS61C1024-12H IS61C1024-12HI IS61C1024-1 |
RES POWER .050 OHM 2W 1% SMT 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 25 ns, PDSO32 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 IC-1MB FAST SRAM 128K X 8 STANDARD SRAM, 15 ns, PDIP32 RES POWER .030 OHM 2W 5% SMT RES POWER .020 OHM 2W 5% SMT
|
Integrated Silicon Solution, Inc. ETC[ETC] Integrated Silicon Solution Inc
|
IS61LV12816LL-12T IS61LV12816LL-12BI IS61LV12816LL |
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PQFP44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
W24010AC |
128K×8 High-Speed CMOS Static RAM(128K×8位高速CMOS静态RAM) 8 × 128K的高速CMOS静态RAM28K的8位高速的CMOS静态RAM)的
|
Winbond Electronics, Corp.
|
IS61C1024AL-12KI IS61C1024AL-12TLI IS61C1024AL-12K |
128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
HM6116 HM6116FP-2 HM6116FP-3 HM6116FP-4 HM6116LFP- |
2048-word X 8bit High Speed CMOS Static RAM IC,SRAM,2KX8,CMOS,DIP,24PIN,CERAMIC
|
HITACHI[Hitachi Semiconductor] Renesas Electronics Corporation
|
MP8776 MP8785 MP8786AR MP8786AN MP8786AQ MP8786AS |
CMOS 30 MSPS 8Bit High-Speed Low Power Analog-to-Digital Converter with Power Down CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
|
EXAR[Exar Corporation]
|
IS64C1024AL-15KA3 IS64C1024AL-15TA3 |
128K x 8 HIGH-SPEED CMOS STATIC RAM
|
Integrated Silicon Solu...
|
T14L1024A |
128K X 8 HIGH SPEED CMOS STATIC RAM
|
Taiwan Memory Technolog...
|
IS61WV12816BLL IS64WV12816BLL IS64WV12816BLL-15BA3 |
128K x 16 HIGH-SPEED CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|