PART |
Description |
Maker |
STK401-010 STK400-010 STK401-210 STK400-100 STK400 |
3ch AF Power Amplifier(Split Power Supply) 10W 10W 10W,THD=0.4% 3通道自动对焦功率放大器(斯普利特电源0W0W的功0W,总谐波失真\u003d 0.4
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. ETC SANYO[Sanyo Semicon Device]
|
STK4362 |
AF Power Amplifier (10W 10W min, THD = 1.0%)
|
SANYO[Sanyo Semicon Device]
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
STK4112 STK4112II |
AF Power Amplifier (Split Power Supply) (10W 10W min/ THD = 0.4%) AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
|
SANYO[Sanyo Semicon Device]
|
TDA7494S |
10W AMPLIFIER
|
STMICROELECTRONICS[STMicroelectronics]
|
IXTH50N20 IXTM50N20 |
MegaMOS FET RES, 11K OHM, 1%, 1/10W, 100PPM CHIP, 0805 RES D, 0805, 113000.000 OHM, 1.00%, 1/10W
|
IXYS[IXYS Corporation]
|
TDA22003L-TB9-T TDA22003G-TB9-T |
10W STEREO AMPLIFIER
|
Unisonic Technologies
|
TDA2009 |
10 10W STEREO AMPLIFIER
|
ST Microelectronics
|
5962-04238 5962-04239 5962-04240 5962-04241 5962-0 |
10W Total Output Power 28 Vin 3.3 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04238 10W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04239 10W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04240 10W Total Output Power 28 Vin 15 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04241 10W Total Output Power 28 Vin /-5 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04242 10W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04243 10W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04244
|
International Rectifier
|
TDA191003 TDA1910 |
10W AUDIO AMPLIFIER WITH MUTING
|
http:// STMicroelectronics
|
TDA1910 |
10W AUDIO AMPLIFIER WITH MUTING
|
ST Microelectronics
|
TDA2004 TDA2004A |
10 10W STEREO AMPLIFIER FOR CAR RADIO 10 10W STEREO AMPLIFIER FOR CAR RADIO 10 10W STEREO AMPLIFIER FOR CAR RADIO
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|