PART |
Description |
Maker |
SA2420 SA2420DH |
Low voltage RF transceiver . 2.45GHz 2400 MHz - 2500 MHz RF/MICROWAVE UP/DOWN CONVERTER Low voltage RF transceiver ― 2.45GHz
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAR-1 MAR-3 MAR-4 |
(MAR-x ) ML AMPL / SURF MT / T&R / RoHS
|
Mini-Circuits
|
2450FB39C100 |
2.45GHz Balun/Filter Combination
|
Johanson Technology Inc.
|
MCP9701T-E_TT MCP9700A-E_LT MCP9700A-E_TO MCP9700A |
ANALOG TEMP SENSOR-VOLTAGE, 6Cel, RECTANGULAR, SURFACE MOUNT Low-Power Linear Active Thermistor?/a> ICs Low-Power Linear Active Thermistor ICs Low-Power Linear Active Thermistor垄芒 ICs Low-Power Linear Active Thermistor?ICs
|
Microchip Technology
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
WPANTDP028 |
This single band dipole antenna is an ideal solution for single band WLAN access points operating in the ISM 2.45GHz band
|
World Produts Inc.
|
RMPA5251 |
4.90-5.85 GHz HBT Linear Power Amp 4.90-5.85 GHz InGaP HBT Linear Power Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
5962-8751503JX 5962-8751502JX 5962-8751504JX 5962- |
Evaluation Kit for the MAX8716 Dynamically Adjustable 6-Bit VID Step-Down Controller Low-Cost, Linear-Regulator LCD Panel Power Supplies Evaluation Kit for the MAX8717 Simplified Multichemistry SMBus Battery Charger Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers High-Voltage, Low-Power Linear Regulators for Notebook Computers Evaluation Kit for the MAX8713 x8 EPROM x8存储
|
API Delevan
|
MAX2264 MAX2264EUE MAX2265EUE MAX2266EUE MAX2264E_ |
2.7V / Single-Supply / Cellular-Band Linear Power Amplifiers 2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers 824 MHz - 849 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IPM6220 IPM6220CA IPM6220EVAL1 |
Advanced Triple PWM and Dual Linear Power Controller, Vbatt Hystersis Typ=150mV Advanced Triple PWM and Dual Linear Power Controller for Portable
|
INTERSIL[Intersil Corporation]
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|