PART |
Description |
Maker |
NTE5864 NTE5889 NTE5865 |
Silicon power rectifier diode. Anode to case. Peak reverse voltage 200V. Max forward current 30A. Silicon Power Rectifier Diode, 25 Amp Silicon Power Rectifier Diode 25 Amp Silicon Power Rectifier Diode / 25 Amp
|
NTE[NTE Electronics]
|
1N3161 1N3161R 1N3162 1N3162R 1N3163 1N3163R 1N316 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 240 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 300 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
BYY53-1200 BYY53-75 BYY54 BYY54-1100 BYY54-300 BYY |
25A Silicon Power Rectifier Diode 25 A, 1400 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 900 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 150 V, SILICON, RECTIFIER DIODE
|
ZETEX PLC Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
MBRB1545CTT4G MBRB1545CTG |
SWITCHMODE?/a> Power Rectifier 15A 45V Schottky Rectifier; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 7.5 A, 45 V, SILICON, RECTIFIER DIODE SWITCHMODE?/a> Power Rectifier
|
ON Semiconductor
|
BYY58-900 BYY57 BYY57-100 BYY57-1000 BYY57-1100 BY |
35A Silicon Power Rectifier Diode 35 A, 900 V, SILICON, RECTIFIER DIODE 35A Silicon Power Rectifier Diode 35A条硅功率整流二极 35A Silicon Power Rectifier Diode 35 A, 1400 V, SILICON, RECTIFIER DIODE
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
MBRF20H150CTG MBR20H150CTG |
20 A,150 V H-Series Dual Schottky Rectifier 10 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE?/a> Power Rectifier 150 V, 20 A SWITCHMODE Power Rectifier 150 V, 20 A SWITCHMODE垄芒 Power Rectifier 150 V, 20 A
|
ON Semiconductor
|
DSEP2X31-03A DSEP2X31-04A DSEP2X31-12A DSEP2X31-06 |
30 A, 300 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 400 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 600 V, SILICON, RECTIFIER DIODE MINIBLOC-4 60 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 HiPerFREDTM Epitaxial Diode with soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC Versatile Miniature Switch, High Performance
|
IXYS, Corp. IXYS CORP
|
301U160 301URA240 301URA180 301URA120 301URA250P3 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 1600V 330A Std. Recovery Diode in a DO-205AB (DO-9)package 1600V 330A性病。恢复二极管中的DO - 205AB(请 9)封 AVALANCE DIODE 330A ANODE STUD 雪崩二极30A阳极螺柱 300 A, 2500 V, SILICON, RECTIFIER DIODE, DO-205AB DIODE 330 A, 1600 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode DIODE 330 A, 2000 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode
|
Bourns, Inc. International Rectifier, Corp. Vishay Semiconductors
|
|