PART |
Description |
Maker |
MC74F657B MC74F657A ON1318 MC74F657ADW/BDW MC74F65 |
LJT 37C 37#22D SKT WALL RECP JT 18C 18#20 SKT WALL RECP From old datasheet system OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
|
Motorola, Inc. ON Semi
|
AME1085DCBT AME1085ACDT AME1085DCDT AME1085ACBT AM |
3A Low Dropout Positive Voltage Regulator JT 6C 6#12 SKT WALL RECP JT 6C 6#12 PIN RECP JT 6C 6#12 SKT RECP
|
Analog Microelectronics AME, Inc.
|
ARF322S16 ARF322 |
FAST RECOVERY DIODE ER 3C 3#16S SKT RECP WALL ER 3C 3#16S PIN RECP WALL
|
POSEICO[Power Semiconductors] POSEICO SPA
|
API8208 API8208A |
VERSATILE 20 SEC INSTANT VOICE ROM LJT 53C 53#20 SKT RECP LJT 53C 53#20 SKT WALL RECP
|
Aplus Intergrated Circuits Aplus Integrated Circuits Inc.
|
CY2277APVC-1 CY2277APVC-12 CY2277APAC-12M CY2277AP |
6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs LJT 128C 128#22D SKT RECP LJT 37C 37#16 PIN RECP LJT 37C 37#16 SKT RECP Circular Connector; No. of Contacts:56; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
Cypress Semiconductor Corp.
|
ARA2000S23 |
ER 6C 3#16 3#8 SKT RECP WALL CATV Reverse Amplifier with step Attenuator
|
ANADIGICS, Inc.
|
APE5208 APEXX08 APE1008 APE0508 APE1508 APE2008 AP |
LJT 66C 66#22D SKT RECP LJT 11C 11#12 SKT WALL RECP very low cost voice and melody synthesizer with 4-bits CPU. Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-35 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-32 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-66 RoHS Compliant: No
|
Aplus Integrated Circuits Inc. Apuls Intergrated Circuits
|
AD704SE/883B AD704TQ/883B AD704AR AD704AQ AD704JR- |
Quad Picoampere Input Current Bipolar Op Amp MB 3C 3#20 SKT RECP MB 55C 55#20 SKT RECP MB 8C 8#12 PIN RECP
|
ANALOG DEVICES INC Analog Devices, Inc.
|
BTA204W-500B BTA204W-500C BTA204W-600B BTA204W-600 |
PTSE 16C 16#16 SKT RECP 500 V, 1 A, SNUBBERLESS TRIAC Transient Voltage Suppressor Diodes PTSE 41C 41#20 SKT RECP Three quadrant triacs high commutation
|
NXP Semiconductors N.V. Philips Semiconductors
|
ARD10012 ARD10012C ARD10012CQ ARD10012Q ARD10024 A |
Circular Connector; No. of Contacts:12; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-9 RoHS Compliant: No ER 35C 35#16 SKT RECP 26.5GHz, 18GHz COAXIAL SWITCH 26.5GHz的,18GHz同轴开 ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% 26.5GHz的,18GHz同轴开 Circular Connector; No. of Contacts:25; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:32; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 3C 3#4 PIN RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 9C 6#12 3#8 SKT RECP WALL ER 3C 3#4 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-3 RoHS Compliant: No
|
Electronic Theatre Controls, Inc. Matsushita Electric Works(Nais)
|
AHV2815VTF_HB AHV28 AHV2805DF_CH AHV2805DF_ES AHV2 |
Hi-Rel DC-DC Standard Dual Converter in a AHV package From old datasheet system Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:12-4 RoHS Compliant: No Rocker Switch; Illumination:Non-Illuminated; Circuitry:DPDT; Switch Operation:(On)-Off-(On); Contact Current Max:6A; Switch Terminals:Screw; Mounting Type:Panel; Switch Features:Paddle Lever Actuator; Features: JT 8C 8#20 SKT RECP Circular Connector; No. of Contacts:15; Series:MS27472; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No JT 26C 26#20 SKT WALL MTG 先进的模拟混合,高度可靠的DC / DC转换 JT 23C 21#20 2#16 SKT RECP 先进的模拟混合,高度可靠的DC / DC转换 ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS 先进的模拟混合,高度可靠的DC / DC转换 JT 37C 37#22D PIN RECP 先进的模拟混合,高度可靠的DC / DC转换 JT 37C 37#22M PIN RECP 先进的模拟混合,高度可靠的DC / DC转换 16-Bit, 8-Channel 200ksps ADCs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 高可靠性的DC - DC标准AHV包双转换 Hi-Rel DC-DC Standard Triple Converter in a AHV package 高可靠性的DC - DC转换器标准三AHV Hi-Rel DC-DC Standard Single Converter in a AHV package
|
IRF[International Rectifier] International Rectifier, Corp.
|
BAW56 BAV70 BAV99 BAL99 |
SURFACE MOUNT SWITCHING DIODES JT 6C 6#20 SKT WALL RECP
|
Pan Jit International I... Pan Jit International Inc. PanJit International Inc.
|