PART |
Description |
Maker |
NP40N055KHE NP40N055KHE-E1-AY NP40N055KHE-E2-AY NP |
40 A, 55 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB LEAD FREE, MP-25, TO-220, 3 PIN 40 A, 55 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB LEAD FREE, MP-25ZJ, TO-263, 3 PIN MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
|
ITT, Corp. International Business Machines, Corp. NEC
|
STS3DPF20V |
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET POWER MOSFET DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET⑩ POWER MOSFET DUAL P-CHANNEL 30V - 0.13 OHM - 3A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.090 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP210NF02 STB210NF02-1 STB210NF02 8543 STB210NF02 |
N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
EMH2604 |
Power MOSFET, 20V, 4A, 45mOhm, -20V, -3A, 85mOhm, Complementary Dual EMH8
|
ON Semiconductor
|
NTD40N03RT4G NTD40N03R NTD40N03R-1 NTD40N03R-1G NT |
Power MOSFET 45 Amps, 25 Volts 32 A, 25 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
IRLR3714PBF IRLU3714PBF IRLR3714TRRPBF IRLR3714TRP |
High Frequency Isolated DC-DC HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mヘ , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m楼? , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mΩ , ID = 36A ) 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
HUF76009P3 HUF76009D3S HUF76013D3S |
20A/ 20V/ 0.022 Ohm/ N-Channel/ Logic Level Power MOSFETs 20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
|
Intersil FAIRCHILD[Fairchild Semiconductor]
|
STS5PF20V |
P-CHANNEL 20V - 0.065 OHM - 5A SO-8 2.5V-DRIVE STRIPFET II POWER MOSFET P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
STD40NF02L STD40NF02LT4 |
20 A, 20 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-CHANNEL 20V - 0.0095 OHM - 40A DPAK LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
STS3DPF20L |
P-CHANNEL 20V - 0.045 Ohm - 5A - SO-8 STRIPFET II MOSFET
|
ST Microelectronics
|
STS6NF20V |
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET II POWER MOSFET
|
STMicroelectronics
|
|