PART |
Description |
Maker |
ISL6420IR |
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
K4S641632E-TC1H K4S641632E-TC1L K4S641632E-TC50 K4 |
4M X 16 SYNCHRONOUS DRAM, 6 ns, PDSO54 Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 20-LCCC -55 to 125 64Mbit SDRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AL4CE205 AL4CE215 AL4CE225 AL4CE235 AL4CE245 |
256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
|
AverLogic Technologies Inc
|
SC1154 SC1154CSW |
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
|
SEMTECH[Semtech Corporation]
|
5962F9671601VEC 5962F9671601VXC FN4095 ACTS161MS A |
Radiation Hardened 4-Bit Synchronous Counter From old datasheet system Synchronous Counter, 4-Bit, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
EM6620TQ32B EM6620TQ32D EM6620TQ44B EM6620TQ44D |
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 10-DFN Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: 0°C to 70°C; Package: 8-SOIC Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 微控制器 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 10-DFN 微控制器
|
Etron Technology, Inc
|
KBPC15005 KBPC1510 KBPC1501 KBPC1502 KBPC1504 KBPC |
Quad Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 14-TSSOP 0 to 70 SINGLE PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-PDIP -40 to 125
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
AL4CE221 AL4CE211 AL4CE241 |
512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs 512,一千,KKK的9高级同步FIFO
|
AverLogic Technologies, Inc. AverLogic Technologies, Corp.
|
ISL6420AIAZ-TK ISL6420AIRZ-TK |
Circular Connector; No. of Contacts:22; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-35 RoHS Compliant: No Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller 0.05 A SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PQCC20
|
Intersil Corporation Intersil, Corp.
|
CD40192BC CD40192BCN CD40193BCM CD40193BCN CD40192 |
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter Synchronous Up/Down Counter 同步减计数器 Automotive Catalog Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 125 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|