PART |
Description |
Maker |
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
24LC02BTI_SNG 24LC02BI_SNG 24LC02BI_OTG 24LC02BI_P |
The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C ... The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24AA02 features hardware write protect, Schmitt trigger inp 2K I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS25C64A IS25C64A-2GI IS25C64A-2GLI IS25C64A-2PI I |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 8K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. http://
|
24C02B 24C01B 24C01B-ESN 24C01B-EP 24C02B-ESN 24C0 |
1K/2K 5.0V I 2 C ?Serial EEPROM Note:This product is not recommended for new designs. Please consider 24LC02B instead.The 24C01B is a 2K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit with an I<SUP>2</SUP>C compatible 2-wire serial Note:This product is not recommended for new designs. Please consider 24LC02B instead.The 24C01B is a 2K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit with an I2C compatible 2-wire serial
|
Microchip Technology
|
24LC21A_03 24LC21A 24LC21A1-_P 24LC21A1-_SN 24LC21 |
1K 2.5V Dual Mode I2C Serial EEPROM The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s ... The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s advanced monitors. The 24LC21A represents a simple, low-cost route to meeting the stringent standards 1K 2.5V Dual Mode I 2 C Serial EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
XL93LC56 XL93LC56A |
2048-Bit Serial Electrically EPROM
|
EXEL
|
IS93C66A-3PI IS93C56A-2PI IS93C56A-2PLI IS93C56A-2 |
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
Integrated Silicon Solution, Inc
|
IS93C46D IS93C46D-2ZI IS93C46D-2GI IS93C46D-2GLI I |
1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 1千位的电可擦除可编程ROM
|
Integrated Silicon Solution, Inc.
|
IS93C56 |
2048-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS93C46B IS93C46B-3GI IS93C46B-3GR IS93C46B-3G IS9 |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
http:// ISSI[Integrated Silicon Solution, Inc]
|
KM93C46 |
CMOS EEPROM 1K BIT SERIAL ELECTRICALLY ERASABLE PROM
|
Samsung Electronic Samsung semiconductor
|
BR93LC66FV |
4,096-Bit Serial Electrically Erasable PROM 4,096位串行电可擦除可编程ROM
|
Rohm Co., Ltd.
|