PART |
Description |
Maker |
HA1-2841_883 HA1-2841883 HA7-2841883 HA7-2841_883 |
WIDEBAND, FAST SETTLING, UNITY GAIN STABLE, VIDEO OPERATIONAL AMPLIFIER Wideband/ Fast Settling/ Unity Gain Stable/ Video Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
5962-89641012A 5962-8964101CA |
Wideband Unity-Gain Stable Fast Settling Op Amp
|
Analog Devices
|
HA-2541_883 HA2-2541_883 HA-2541883 HA2-2541/883 |
Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
EL2041D |
Fast Settling Unity Gain Stable Operational Amplifiers
|
Elantec Semiconductor
|
KH220AK/AM/HXC/HXA |
Fast Settling Wideband Op Amp
|
Cadeka Microcircuits LLC.
|
SPT220AIH |
Fast settling, wideband operational amplifier
|
SPT Signal Processing Technologies
|
AD3554BM AD3554SM AD3554 AD3554AM |
FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP 快速建立,宽带,FET输入运算放大
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD842KH AD842KN AD842KQ AD842SH AD842JN AD842JH AD |
Wideband, High Output Current, Fast Settling Op Amp Wideband/ High Output Current/ Fast Settling Op Amp XTAL MTL T/H HC49/U Silver Mica Capacitor; Capacitance:270pF; Capacitance Tolerance: /- 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|
LTC1821 LTC1821-1ACGW LTC1821-1AIGW LTC1821-1BCGW |
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C 16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 16-Bit, Ultra Precise, Fast Settling VOUT DAC PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 /-5V, /-15V, 16-Bit Parallel Low Glitch Multiplying VOUT DAC with 4-Quadrant Resistors
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX5581AEUP MAX5732BUTN MAX5732AUTN MAX5874EGKTD M |
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO20 32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, QCC56 14-Bit, 200Msps, High-Dynamic-Performance, Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 0.014 us SETTLING TIME, 14-BIT DAC, QCC68 Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 10-BIT DAC, PDSO24 12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 12-BIT DAC, QCC68 3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, 14-BIT DAC, QCC68
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
HA-2540 HA-254003 |
400MHz, Fast Settling Operational Amplifier 400MHz, Fast Settling Operational
Amplifier(400MHz、快速稳定运算放大器)
|
Intersil Corporation
|
MSK612B MSK612 |
FAST SETTLING HIGH VOLTAGE AMPLIFIER
|
MSK[M.S. Kennedy Corporation]
|
|