PART |
Description |
Maker |
DNC3X3425 |
DNC3X3425 Quad 10/100 Mbits/s Ethernet Transceiver Macrocell
|
Agere Systems
|
DNC3X3125 |
10/100 Mbits/s Ethernet Transceiver Macrocell(10M秒和100 M秒以太网收发器宏单元) 10/100 Mbits /秒以太网收发器宏单元000万位/秒和100海里秒以太网收发器宏单元
|
Lineage Power, Corp.
|
PC755M8 PC755M8VG300LE PC755M8VG350LE |
32-bit RISC PowerPC-based Multichip Module RISC microprocessor. 8 Mbits: 128K x 72 SSRAM. Core frequency: 300 MHz/150 L2 cache. RISC microprocessor. 8 Mbits: 128K x 72 SSRAM. Core frequency: 350 MHz/175 MHz L2 cache.
|
Atmel
|
TZA3017HW |
30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
|
NXP Semiconductors
|
TZA3050 TZA3050VH/C1 |
TZA3050; 30 Mbits/s up to 1.25 Gbits/s burst mode laser driver
|
Philips
|
ADG612YRUZ-REEL7 ADG611YRUZ-REEL71 ADG611YRUZ1 ADG |
CMOS ±5 V/5 V/3 V Quad SPST Switches; Package: TSSOP; No of Pins: 16; Temperature Range: Automotive QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1 pC Charge Injection, 100 pA Leakage, CMOS, ±5 V/ 5 V/ 3 V, Quad SPST Switches
|
Analog Devices, Inc.
|
AT45DB321E-MHF2B-T AT45DB321E-MHF2B-B AT45DB321E-M |
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
TA16 TA16L1CAA TA16L1FAA TA16S2FAA TA16L2CAA TA16L |
TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
|
AGERE[Agere Systems]
|
ORT8850L ORT8850 ORT8850H |
Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
|
AGERE[Agere Systems]
|
ORT8850 ORT8850H ORT8850H-1BM680C ORT8850H-1BM680I |
Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
|
Lattice Semiconductor
|
MAX392 MAX392C_D MAX392CPE MAX392CSE MAX392CUE MAX |
Precision, Quad, SPST Analog Switches Precision / Quad / SPST Analog Switches Replaced by SN65LV1224B : 1:10 LVDS Serdes Receiver 100 - 660Mbps 28-SSOP -40 to 85 10:1 LVDS Serdes Transmitter 100 - 660Mbps 32-QFN -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|