PART |
Description |
Maker |
8112-0401 |
2mm Dual Row Through Hole Vertical Headers
|
Methode Electronics Incorporated
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
8110-11-202 8100-11-202 8100-11-203 8100-11-204 81 |
.079 (2mm) Dual Row Through Hole Vertical Headers 0.079(毫米)通孔垂直双行 RUBBER BOOT
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
87832-5020 87832-6922 87832-0420 |
CONN HEADER 50POS 2MM VERT SMD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT MGrid Hdr Shrd SMT/Cap T&R .38AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 4POS 2MM VERT SMD
|
Molex, Inc. MOLEX INC
|
87759-1250 87759-2250 87759-1251 87759-3050 87759- |
CONN HEADER 12POS 2MM VERT SMD 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 22POS 2MM VERT SMD 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2mm MGrid Hdr SMT D/R W/Pg .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 30POS 2MM VERT SMD 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2mm MGrid Hdr SMT D/R W/Pg .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
DMLXXA-V-G-TSMT30PPTR |
DUAL ROW THRU HOLE HEADER
|
Adam Technologies, Inc.
|
0015800281 70567-0012 15-80-0281 |
2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 28 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 28 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid垄莽 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 28 Circuits, Tin (Sn) Plating MOLEX Connector
|
Molex Electronics Ltd.
|
15-80-0081 A-70567-0002 0015800081 705670002 |
2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 8 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 8 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid垄莽 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 8 Circuits, Tin (Sn) Plating Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
15-80-0105 0015800105 A-70567-0139 |
2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plat Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
15-80-0085 0015800085 A-70567-0138 |
2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 8 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 8 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plati Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
15-80-0103 0015800103 |
2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical Shrouded, High Temperature, 10 Circuits 2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical Shrouded, High Temperature, 10 Circuits Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
|