PART |
Description |
Maker |
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
PM7226BRC/883 PM7226KP PM7226KN |
QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT 8-BIT DAC, CDIP20
|
Analog Devices, Inc.
|
PM-7226 PM-7226A |
QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT
|
Analog Devices
|
AD5307 AD5307BRU AD5317BRU AD5327BRU |
IC-SM-QUAD 12-BIT DAC 2.5V IC-SM-QUAD 10-BIT DAC 2.5V IC-SM-QUAD 8-BIT DAC 2.5V 2.5 V to 5.5 V, 400 A, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP
|
Analog Devices
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
5962-9176402M3A 5962-9176401MXA 5962-9176404M3A 59 |
Quad 12-Bit DAC Voltage Output with Readback Reset to Mid-Scale Quad 12-Bit DAC Voltage Output with Readback Reset to Zero Code
|
Analog Devices
|
74LCX125 74LCX125M 74LCX125MTC 74LCX125SJ LCX125MT |
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
28C64AF-25/SO 28C64A-25I/SO 28C64A-15I/L 28C64A-15 |
10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface EEPROM|8KX8|CMOS|LDCC|32PIN|PLASTIC EEPROM的| 8KX8 |的CMOS | LDCC | 32脚|塑料 EEPROM|8KX8|CMOS|SOP|28PIN|PLASTIC EEPROM的| 8KX8 |的CMOS |专科| 28脚|塑料 Evaluation Kit/Evaluation System for the MAX5580, MAX5581, MAX5582, MAX5583, MAX5584, MAX5585 EEPROM的| 8KX8 |的CMOS | LDCC | 32脚|塑料 Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs EEPROM的| 8KX8 |的CMOS | LDCC | 32脚|塑料
|
Microchip Technology, Inc.
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
MAX5250AEAP MAX7645ACWPT MX566AJN MX565AJN MAX5702 |
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface CMOS 12-Bit Buffered Multiplying DACs PARALLEL, WORD INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP24 PARALLEL, WORD INPUT LOADING, 0.15 us SETTLING TIME, 12-BIT DAC, PDIP24 Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
|