PART |
Description |
Maker |
35984300931502 35984300932502 35984300933502 35984 |
(359 Series) Mounting Hole
|
Dialight
|
5800-123-RC 5800-102-RC 5800-152-RC 5800-121-RC 58 |
High I , Axial Choke 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:5800; Inductance:1mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.2A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:2.3ohm RF Choke; Series:5800; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.158A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:3.45ohm RF Choke; Series:5800; Inductance:120uH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.508A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:0.283ohm VW-1 rated shrink tubing to cover winding
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
S1A2272A01-S0B0 S1A2272A01 |
SR17 Series Cost Effective Digital Vane Sensor; side looker mounting; wire leads parallel to mounting plane; sinking output; 3.8 to 30 Vdc supply voltage FM NOISE CANCELLER Data Sheet
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
TC0310A |
359.40MHz SAW Resonator
|
Golledge Electronics Lt...
|
557-1103-203 557-1104-203 557-1201-203 557-1301-20 |
11/16, 1 MOUNTING HOLE WATERTIGHT
|
DIALIGHT[Dialight Corporation]
|
TB0656A |
SAW Filter 359 MHz SMD 7.0mmx5.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
L59C--G12-W L59D-Y12-W |
SNAPFIT LED INDICATOR LIGHTS FOR 14 DIA, MOUNTING HOLE
|
List of Unclassifed Man...
|
SMI-75-102 SMI-75-3R3 SMI-75-4R7 SMI-75-681 SMI-75 |
SMD INDUCTORS 贴片电感 LED Lamp; Color:Red; LED Color:Red; Leaded Process Compatible:No; Mounting Hole Dia:16mm; Mounting Type:Panel Mount; Peak Reflow Compatible (260 C):No; Terminal Type:Solder
|
MICRO-ELECTRONICS[Micro Electronics]
|
GP1FAV51TK0F |
Fiber Optic Transmitter Square connector With mounting hole With shutter
|
Sharp Electrionic Components
|
TLYE68DG TLYE68DGF TLRME68DG TLRME68DGF TLGE68DG T |
LED Lamps for mounting on through-hole PCB using an automatic insertion machine
|
Toshiba Corporation Toshiba Semiconductor
|
GP1FAV31RK0F |
Fiber Optic Receiver Square connector With mounting hole With shutter
|
Sharp Electrionic Components
|