PART |
Description |
Maker |
IL7101 |
Ground Fault Interrupters / Earth Leakage Current Detector
|
IK Semiconductor
|
RV4145A_04 RV4145A RV4145AM RV4145AMT RV4145AN RV4 |
Low Power Ground Fault Interrupter Low Power Ground Fault Interrupt Controller
|
FAIRCHILD[Fairchild Semiconductor]
|
NCS37012 |
Self Test Ground Fault Circuit Interrupter (GFCI)
|
ON Semiconductor
|
NCS37010 |
Ground Fault Circuit Interrupter (GFCI) with Self Test and Lockout
|
ON Semiconductor
|
F9892-13 F9892-14 F9890-13 F9890-14 |
HIGH TIME RESOLUTION TOF-MS DETECTOR ANODE GROUND TYPE
|
Hamamatsu Corporation
|
ILC5062M46X ILC5062 ILC5062AIC23X ILC5062AIC24X IL |
CAP,Met Polypropylene,1.5uF,1.2KVDC,10-% Tol,10 % Tol RoHS Compliant: No RES 174K 1% 1/4W 1206 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SOT-23 Power Supply reset Monitor with 1% precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 RES 1K74 SM 1/4W F 1206C THKF 100PPM TR Voltage Detector (3.1V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V) Voltage Detector (2.6V) Voltage Detector (2.5V) Voltage Detector (2.7V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HSMS-B2825 HSMS-B2825-TR2G HSMS-2820-BLKG HSMS-282 |
HSMS-282P · RF mixer/detector diode HSMS-282K · RF mixer/detector diode Surface Mount RF Schottky Barrier Diodes HSMS-282F · RF mixer/detector diode HSMS-2829 · RF mixer/detector diode HSMS-282R · RF mixer/detector diode HSMS-2825 · RF mixer/detector diode HSMS-2823 · RF mixer/detector diode HSMS-2822 · RF mixer/detector diode HSMS-2824 · RF mixer/detector diode HSMS-2820 · RF mixer/detector diode HSMS-282L · RF mixer/detector diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
WT7510 WT7510-N080WT-12 WT7510-S080WT-12 |
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level protection circuits/ power good output (PGO)/ fault protection latch (FPL_N) CONTROL protection circuits power good output (PGO) fault protection latch (FPL_N) CONTROL protection circuits, power good output (PGO), fault protection latch (FPL_N) CONTROL
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers Unknow
|
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LT1116 LT1116C LT1116CN8 LT1116CS8 |
12ns,Single Supply Ground-Sensing Comparator(12ns,单电源接地感应比较器) From old datasheet system 12ns, Single Supply Ground-Sensiing Comparator 12ns/ Single Supply Ground-Sensiing Comparator 4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies
|
Linear Technology Corporation LINER[Linear Technology]
|