PART |
Description |
Maker |
TDA8920 TDA8920J TDA8920TH |
2x50 W class-D power amplifier(2x50W D绫诲???????澶у?) 2 x 50 W class-D power amplifier 80 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO24 2 x 50 W class-D power amplifier
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
STA529-12 |
FFX?/a> audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
|
STMicroelectronics
|
MAX9708 MAX9708ETN MAX9708ECB |
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier From old datasheet system The MAX9708 mono/stereo, Class D audio power amplifier delivers up to 2 x 21W into an 8 stereo mode
|
MAXIM[Maxim Integrated Products]
|
STA529B STA52907 |
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
|
STMicroelectronics
|
UMIL10 |
100 Watts, 28 Volts, Class AB or C Defcom 100 - 400 MHz
|
ADPOW[Advanced Power Technology]
|
TDA1308A TDA1308AT TDA1308AUK TDA1308T TDA1308TT T |
Class-AB stereo headphone driver; Package: SOT96-1 (SO8); Container: Tube 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO8 Class-AB stereo headphone driver; Package: SOT96-1 (SO8); Container: Tape reel smd 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO8 Class-AB stereo headphone driver; Package: SOT97-1 (DIP8); Container: Tube 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDIP8 Class-AB stereo headphone driver; Package: SOT505-1 (TSSOP8); Container: Reel Pack, SMD, 13" 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO8
|
NXP Semiconductors N.V.
|
STEVAL-CCA028V1 |
10 W 10 W class-D audio amplifier demonstration board based on the TDA7491P 10 W 10 W class-D audio amplifier demonstration boardbased on the TDA7491P
|
ST Microelectronics STMicroelectronics
|
LX1720 LX1720-01CDB LX1720-01CDBT |
Dual Audio Amplifier SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC SWITCHING CLASS-D/ STEREO POWER AMPLIFIER CONTROLLER IC
|
MICROSEMI[Microsemi Corporation]
|
BD5424EFS-E2 BD5424EFS10 BD5424EFS |
20 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO44 Analog Input/BTL Output Class-D Speaker Amplifier
|
Rohm
|