Part Number Hot Search : 
TSX631 R68FF 67013 OP400 MJE1660 DP418C MAX69 MAX3188E
Product Description
Full Text Search

SBR100-10J - SBR100-10J

SBR100-10J_524996.PDF Datasheet


 Full text search : SBR100-10J


 Related Part Number
PART Description Maker
SBR100-10J SBR100-10J
Sanyo Semicon Device
ZB4BA131 ZB4BC2 ZB4BK1213 ZB4BK1253 ZB4BP5 ZB4BT4 DIODE TVS 8.0V 1500W UNI 5% SMC
LED SCHALTER HARMON PILZTASTE 40MM
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:320Vrms; Peak Surge Current @ 8/20uS:10000A; Clamping Voltage 8/20us Max :840V; Capacitance, Cd:750pF; Package/Case:20mm Disc; Capacitance:750pF; Clamping Voltage Max, Vc:840V RoHS Compliant: No
VARISTOR MULTI ESD 42V MHS 0402
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:275Vrms; Voltage Rating DC, Vdc:350VDC; Peak Surge Current @ 8/20uS:1750A; Clamping Voltage 8/20
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:1000Vrms; Voltage Rating DC, Vdc:1200VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping
SUPPRESSOR SMT 0402 160V 12PF
LED SCHALTER HARMON BESCHRIFTET SCHWARZ
AVALANCHE DIODE ARRAY SP0503BAHT
Transient Surge Protection Thyristor; Current, It av:30A; Leaded Process Compatible:No; Package/Case:DO-2144AA; Peak Reflow Compatible (260 C):No; Repetitive Reverse Voltage Max, Vrrm:50V; Current Rating:30A RoHS Compliant: No
DIODE TVS 90V 1500W UNI 5% SMC
DIODE TVS 9.0V 1500W BI 5% SMC
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:175VDC; Peak Surge Current (8/20uS), Itm:50000A; Clamping Voltage 8/20us Max :340V; Capacitance, Cd:20000pF; Package/Case:60mm Disc
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :175V; Peak Energy (10/1000uS):20J; Capacitance, Cd:2000pF
Varistor; Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:2500A; Clamping Voltage 8/20us Max :165V; Peak Energy (10/1000uS):10J; Capacitance, Cd:900pF; Package/Case:10mm Disc
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:140Vrms; Voltage Rating DC, Vdc:180VDC; Peak Surge Current (8/20uS), Itm:10000A; Clamping Voltage 8/20us Max :360V; Capacitance, Cd:1750pF; Package/Case:20mm Disc
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):3.5J; Capacitance, Cd:11000pF
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current @ 8/20uS:250A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):0.8J; Capacitance, Cd:2000pF RoHS Compliant: Yes
LED SCHALTER HARMONY BUENDIG GELB
LED SCHALTER HARMONY BUENDIG BLAU
LED SCHALTER HARMONY 22MM 6 DIVER FARBEN

 
 Related keyword From Full Text Search System
SBR100-10J adc SBR100-10J free down SBR100-10J Data SBR100-10J Bandwidth SBR100-10J interrupt
SBR100-10J circuit SBR100-10J Address SBR100-10J gate SBR100-10J vdd SBR100-10J address
 

 

Price & Availability of SBR100-10J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.349937915802