PART |
Description |
Maker |
MC68HC705B16CFN MC68HC705B16CFU MC68HC705B16FN MC6 |
8-bit single chip microcomputer, 16K bytes EPROM, increased RAM, self-check replaced by bootstrap firmware, modified power-on reset routine 8-bit single chip microcomputer, 6K bytes EPROM, self-check replaced by bootstrap firmware, no EEPROM
|
Motorola
|
MC68701U4 |
8-Bit EPROM Microcomputer
|
Motorola
|
LC66P516 LC66308A LC66506B LC66508B LC66512B LC665 |
4-bit single-chip microcomputer with EPROM
|
SANYO[Sanyo Semicon Device]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ST72T94 |
8-Bit HCMOS MCU With 6K EPROM, EEPROM And 16-Bit Timer With Input Capture And Output Compare(6K EPROM,EEPROM和具有输入获取和输出比较6位定时器HCMOS微控制器) 8位HCMOS微控制器6k的存储器,EEPROM6位输入捕捉和输出比较(带6k的存储器,EEPROM的和具有输入获取和输出比较的16位定时器位微控制器定时器HCMOS
|
STMicroelectronics N.V.
|
MC68B701L |
MICROCOMPUTER WITH EPROM
|
Motorola
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MC68701L-1 MC68701-1 |
5015 RR 19#16 PIN RECP MICROCOMPUTER WITH EPROM
|
Motorola, Inc.
|
MN101C35D MN101C35 |
Microcomputer - 8bit - General Purpose The lower limit for operation guarantee for EPROM built-in type is 2.7 V From old datasheet system Lower limit for operation guarantee for EPROM built-in is 2.7V
|
Panasonic Semiconductor Matsushita Electric Panasonic Corporation
|