PART |
Description |
Maker |
AT89C51ID2 |
High performance 8-bit microcontroller 64 Kbytes Flash, 2 Kbytes EEPROM and Two Wire Interface (TWI).
|
Atmel
|
SF1091A |
211 MHz SAW Filter
|
RF Monolithics, Inc
|
867-SL211.2M-20A |
211.2MHz IF SAW Filter 20.84 MHz Bandwidth
|
Oscilent Corporation
|
LBS21201 |
211.65MHz SAW Filter 6MHz Bandwidth
|
SIPAT Co,Ltd
|
HRD1606-260S HRD1606-381H HRD1606-381S HRD1606-381 |
D-sub connectors, Straight, Through hole type; HRS No: 211-0250-8 57; Contact Mating Area Plating: Gold D-sub connectors, Straight, Through hole type; HRS No: 211-0937-1 57; Contact Mating Area Plating: Gold Synchro-to-Digital Converter 同步数字转换 Resolver-to-Digital Converter 分解器数字转换器
|
Hynix Semiconductor, Inc. Glenair, Inc. Vishay Intertechnology, Inc.
|
MRF492A |
Trans GP BJT NPN 18V 20A 4-Pin Case 211-11 The RF Line
|
New Jersey Semiconductors New Jersey Semi-Conductor P...
|
C83C251TB P80C251TB N83C251TB |
High-performance CHMOS microcontroller. 1 Kbytes RAM, 16 Kbytes ROM, 24 MHz High-performance CHMOS microcontroller. 1 Kbytes RAM, without ROM, 24 MHz
|
Intel
|
T87C5111NBSP T83C5111NBSP T87C5111 |
Low-pin-count 8-bit microcontroller 4 Kbytes OTP with A/D converter Low-pin-count 8-bit microcontroller 4 Kbytes ROM with A/D converter From old datasheet system
|
Atmel Corp
|
HFE4835-023 |
Plug case for D-sub connectors, Accessory; HRS No: 211-0161-0 50; No. of Positions: 37; Operating Temperature Range (degrees C): -25 to 70; Generic Name: D-SUB; General Description: Cover; Locked with a screwdriver 光纤变送器
|
Laird Technologies, Inc.
|
IQS231-16 |
Pin compatible with IQS127/128/227/228/211
|
List of Unclassifed Man...
|
STM8AF6223 STM8AF6223PAU STM8AF6223PCU STM8AF6223P |
Automotive Standard low-power line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|