PART |
Description |
Maker |
ISPGDX120A-5Q160 ISPGDX120A-5T176 ISPGDX120A-7Q160 |
In-System Programmable Generic Digital Crosspoint
|
Lattice Semiconductor
|
ST5R25 ST5R33 ST5R50 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER ; No. of Macrocells:64; IC Generic Number:; No. of Outputs:68; Number of Inputs:68; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:32; Package/Case:44-PLCC; Mounting Type:Surface Mount
|
ST Microelectronics
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
PLDC20G10 PLDC20G10B C20G10 |
CMOS Generic 24-Pin Reprogrammable Logic Device From old datasheet system
|
Cypress
|
ISPLSI2032VL ISPLSI2032VL-110LB49 ISPLSI2032VL-110 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP48 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQCC44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQFP44
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
ICS94201 ICS94201YFT |
Programmable System Frequency Generator for PII/III??/span> Programmable System Frequency Generator for PII/III 可编程系统频率发生器有价证券/三⑩ 815 3 DIMM Single Chip, Programmable, 9250-25 Pin Out
|
ON Semiconductor ICST[Integrated Circuit Systems]
|
XC18V02PC44C XC18V02VQ44C XC18V512SO20C XC18V04PC4 |
Re-programmable 512Kb PROM, 64K X 8 CONFIGURATION MEMORY, 15 ns, PQFP44 Re-programmable 512Kb PROM, 64K X 8 CONFIGURATION MEMORY, 15 ns, PDSO20 In-System-Programmable Configuration PROMs XC18V00 Series In-System-Programmable XC18V00 Series In-System-Programmable
|
Xilinx, Inc.
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
ISPLSI2192VL-100LB144 ISPLSI2192VL-100LT128 ISPLSI |
2.5V In-System Programmable SuperFAST High Density PLD TRIAC STANDARD 12A 400V TO-220AB 2.5V In-System Programmable SuperFASTHigh Density PLD
|
Lattice Semiconductor Corporation
|
CY8C24033-24PVXI CY8C24633-24PVXI CY8C24633-24PVXI |
PSoC? Programmable System-on-Chip Programmable System-on-Chip; Voltage: 3.0V - 5.25V; GPIO: 25; Analog Blocks: 4; Digital Blocks: 4; Flash: 8KB; RAM: 256B; Temp: I; Comm: I2C, SPI, UART; Package: 28 SSOP SPECIALTY MEMORY CIRCUIT, PDSO28
|
Cypress Semiconductor, Corp.
|