PART |
Description |
Maker |
EDI7P004FVA0300C15 EDI7P002FVA0400I15 EDI7P002FVA0 |
Dual Ultra Low Noise Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-PDIP Peripheral Miscellaneous Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 28-PDIP 周边杂项 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 周边杂项 1M X 16 FLASH 5V PROM CARD, 100 ns, XMA68 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
KEMET Corporation Bourns, Inc. MICROSEMI CORP-PMG MICROELECTRONICS
|
EKLPGR10 EKLPG040CY EKLPG050CY EKLDL160CY EKLPG100 |
Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 逻辑IC Logic IC 逻辑IC Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 逻辑IC Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R
|
Cornell Dubilier Electronics, Inc. Electronic Theatre Controls, Inc.
|
EL2003J/883B EL2033J EL2003H |
Analog Buffer/Voltage Follower 模拟缓冲电压跟随 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOT-23 T&R 模拟缓冲电压跟随
|
IC MICROSYSTEMS Sdn. Bhd.
|
ISL29010 ISL29010IROZ-EVALZ ISL29010IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
LTM9001IV-GAPBF |
16-Bit, 25Msps IF/Baseband Receiver Subsystem; Package: 81-LGA; Temperature Range: –40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA81
|
Linear Technology, Corp.
|
EKLDL080 EKLPG080 EKLPG045 EKLPG050 |
Logic IC Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer; Temperature Range: -40°C to 85°C; Package: 20-QFN 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 逻辑IC Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R
|
|
ICM7242CBAZ ICM7242IBAZ ICM7242IPAZ ICM724207 ICM7 |
Long Range Fixed Timer; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SQUARE, 13 MHz, TIMER, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC6912CDE-2TR LTC6912CDE-2PBF LTC6912HGN-2PBF |
Dual Programmable Gain Amplifiers with Serial Digital Interface; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C SPECIALTY ANALOG CIRCUIT, PDSO12 Dual Programmable Gain Amplifiers with Serial Digital Interface; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C SPECIALTY ANALOG CIRCUIT, PDSO16
|
Linear Technology, Corp.
|
LTC1694-1IS5TR LTC1694-1IS5TRM LTC1694-1IS5TRMPBF |
SMBus/I²C Accelerator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C SPECIALTY ANALOG CIRCUIT, PDSO5 SMBus/I²C Accelerator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SPECIALTY ANALOG CIRCUIT, PDSO5
|
Linear Technology, Corp.
|
EM4022V11WS11 EM4022V21WS11 EM4022 EM4022V10WS11 E |
Analog Miscellaneous Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols Enhanced Product (EP) 6.0A Dual Synchronous Buck Regulator with Integrated MOSFETs; Temperature Range: -55°C to 125°C; Package: 50-QFN 模拟杂项 Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: -40°C to 85°C; Package: 28-QFN 模拟杂项
|
EMMICRO[EM Microelectronic - MARIN SA] Vishay Intertechnology, Inc.
|
HI1-0303/883 |
Dual SPDT CMOS Analog Switch; Temperature Range: -55°C to 125°C; Package: 14-CerDIP
|
INTERSIL CORP
|