PART |
Description |
Maker |
153CNQSERIES 153CNQ100 153CNQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 150 Amp 100V 150A Schottky Common Cathode Diode in a D-60 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
40CTQ045 40TCQ045S 40CTQ045-1 40CTQ045S 40TCQ035-1 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp 45V 40A Schottky Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
U1FWJ44L |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G |
10A 35V Schottky Rectifier SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
MBR140SFT1 MBR140SFT3 |
1A 40V Schottky Rectifier Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
MBRS140LT3 MBRS140LT307 MBRS140LT3G |
Surface Mount Schottky Power Rectifier 1A 40V Low Vf Schottky Rectifier ; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 1 A, 40 V, SILICON, SIGNAL DIODE
|
ON Semiconductor
|
DSSK30-01A IXYSCORP-DSSK30-01A |
Power Schottky Rectifier with common cathode 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|
SD1060CT SD10100CT SD1080CT SD1020CT SD1030CT SD10 |
(SD1020CT - SD10100CT) SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|