PART |
Description |
Maker |
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
SLA4340 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 4 A, 60 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR PNP NPN Darlington H-bridge
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
CA3096 CA3096A CA3096AE CA3096AM CA3096AM96 CA3096 |
NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012-AC NPN/PNP Transistor Arrays 50 mA, 24 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001-BB NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001-BB From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MJL4302A MJL4281A |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-264AA From old datasheet system POWER TRANSISTOR, NPN 350V Audio Transistor, PNP 350V Audio Transistor, NPN
|
ON Semiconductor ONSEMI
|
2SB331 2SB330 2SD331E |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 150MA I(C) | TO-5 NPN/PNP Triple Diffused Planar Silicon Transistors, Low Freq. Power Amp. Applications
|
Sanyo Semiconductor
|
PBLS6024D |
60 V, 1.5 A PNP BISS loadswitch 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
CSA708 CSA708Y CSA708O |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
|
Continental Device India Limited
|
MCH3143 MCH3243 |
2500 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
|