PART |
Description |
Maker |
EL2071CN EL2071 EL2071CS |
150MHZ CURRENT FEEDBACK AMPLIFIER
|
Intersil Corporation
|
EL2170 EL2170CS-T13 EL2170CS-T7 EL2170CW-T3 EL2170 |
Op Amp, 70MHz, 1mA Low Power, Current Feedback, 100mA Drive Op Amp, Quad 70MHz, 1mA Low Power, Current Feedback, 55mA Drive 70MHz/1mA Current Mode Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
Intersil Corporation Intersil, Corp.
|
AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC |
1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM x4 SRAM x4的SRAM 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC TT electronics Semelab, Ltd. Glenair, Inc.
|
HA5022 HA5022EVAL HA5022IB HA5022IP FN3392 |
Dual/ 420MHz/ Low Power/ Video/ Current Feedback Operational Amplifier with Disable Dual/ 125MHz/ Video Current Feedback Amplifier with Disable From old datasheet system Dual 125MHz Video Current Feedback Amplifier with Disable Dual, 125MHz, Video Current Feedback Amplifier with Disable
|
INTERSIL[Intersil Corporation]
|
LT1210CR LT1210CS LT1210CT7 |
1.1A/ 35MHz Current Feedback Amplifier 1.1A, 35MHz Current Feedback Amplifier 9-Bit Bus Transceivers With 3-State Outputs 24-PDIP 0 to 70
|
Linear Technology Corporation
|
AD846AN AD846AQ AD846AR-16 AD846AR-16-REEL AD846BN |
450 V/us, Precision, Current-Feedback Op Amp 450 V/us/ Precision/ Current-Feedback Op Amp 450 V/us, Precision, Current-Feedback Op Amp OP-AMP, 350 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8 450 V/us, Precision, Current-Feedback Op Amp OP-AMP, 125 uV OFFSET-MAX, CDIP8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8004 AD8004AN AD8004AR-14 AD8004AR-14-REEL AD800 |
Quad 3000 V/s 35mW Current Feedback Amplifier Quad 3000 V/us, 35 mW Current Feedback Amplifier REMOVAL TOOL CONNECTOR
|
AD[Analog Devices] Analog Devices, Inc.
|
EL2276 EL2176 EL2176CN EL2176CS EL2276CN EL2276CS |
70MHz/1mA Current Mode Feedback Amp W/Disable Op Amp, 70MHz, 1mA Low Power, Current Feedback, 100mA Drive, with Disable
|
INTERSIL[Intersil Corporation]
|
EL2270 EL2270CS-T13 EL2270CS-T7 EL2270CSZ EL2270CS |
70MHz/1mA Current Mode Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 70MHz/1mA Current Mode Feedback Amplifiers 70MHz/1mA电流模式反馈放大
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
5962F9675601VPA HS-1120RH FN4101 HFA1100IJ HFA11XX |
Radiation Hardened, Ultra High Speed
Current Feedback Amplifier with Offset Adjust(抗辐射超高速电流反馈放大器(可调节漂移 Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HFA1100 HFA1100EVAL HFA1100IB HFA1100IP HFA1120EVA |
From old datasheet system 850MHz, Low Distortion Current Feedback Operational Amplifiers 850MHz/ Low Distortion Current Feedback Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
HFA1145_883 HFA1145 FN3726 HFA1145MJ_883 HFA1145/8 |
High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable From old datasheet system High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 高速,低功耗,电流反馈运算与视频输出放大器禁用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|