PART |
Description |
Maker |
T356G156K025AT |
T356, Tantalum, MnO2 Tantalum, Commercial Grade, 15 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
M3900301-2356 M39003/01-2356 |
Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 1 uF, 10%, 50 V, 8 Ohms
|
Kemet Corporation
|
M39003-01-2356 |
Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 1 uF, 10%, 50 V, 8 Ohms
|
Kemet Corporation
|
735DI27X0075D2 CT79226X0025A2 CT79226X0100B2 CT792 |
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
|
Vishay Siliconix
|
T322D106M035AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T322, 10 uF, 20%, 35 V, 2 Ohms
|
Kemet Corporation
|
T110B475K035AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T110, 4.7 uF, 10%, 35 V, 3 Ohms
|
Kemet Corporation
|
285D07 285D126X0250F2 285D126X9250C0 285D126X9250C |
Tantalum-Cased-Tantalum Sintered Anode TANTALEX㈢ Capacitors for Operation to 125 ∑C Tantalum-Cased-Tantalum Sintered Anode TANTALEX? Capacitors for Operation to 125 °C Tantalum-Cased-Tantalum Sintered Anode TANTALEX庐 Capacitors for Operation to 125 掳C Tantalum-Cased-Tantalum Sintered Anode TANTALEX垄莽 Capacitors for Operation to 125 隆?C
|
Vishay Siliconix
|
T491B685K025AT |
Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491B685M016AT |
T491, Tantalum, MnO2 Tantalum, 6.8 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491C106K016AT7280 |
T491, Tantalum, MnO2 Tantalum, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
735DE 735D686X0075C2 735D685X0075A2 735D686X0075B2 |
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved 与玻璃液体钽电容器的钽密封产品核定的CECC 30202
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
T495D226K025ATE230 |
T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 230 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|