PART |
Description |
Maker |
CM7347 CM7348 CM8705 CM393 CM397 |
T-1 3/4 Midget Groove Base 的T 1 3 / 4侏儒沟基
|
Chicago Miniature Lighting, LLC Chicago Miniature Lighting,LLC
|
235-038-93 235-038-98 235-040-93 235-044-98 235-04 |
Direct replacement for T1 ? Midget Groove S5.7s
|
Marl International Limited
|
1512135UG3 1512135UR3 1512135UY3 1512145B3 1512145 |
T 13/4 Midget Groove Based LED
|
Chicago Miniature Lamp,... CML[Chicago Miniature Lamp,inc] http://
|
205-930-21-38 205-930-23-38 205-930-22-38 205-532- |
LED MINIATUR NUTSOCKEL BLAU 12V 1000MCD IC SOCKET PLCC ZIF 52 WAY LED MINIATUR NUTSOCKEL ROT 28V 1500MCD LED MINIATUR NUTSOCKEL GRUEN 28V 2000MCD LED MINIATUR NUTSOCKEL GELB 28V 2500MCD LED MINIATUR NUTSOCKEL GELB 12V 2500MCD LED MIDGET GROOVE WHT LED MIDGET GROOVE 24V WHT LED MIDGET GROOVE 12V WHT LED MINIATUR NUTSOCKEL BLAU 28V 1000MCD 发光二极管微缩NUTSOCKEL布劳28V000MCD LED MINIATUR NUTSOCKEL BLAU 24V 1000MCD 发光二极管微缩NUTSOCKEL布劳24V000MCD LED MINIATUR NUTSOCKEL ROT 12V 1500MCD 发光二极管微缩NUTSOCKEL2V500MCD LED MINIATUR NUTSOCKEL GRUEN 12V 2000MCD 发光二极管微缩NUTSOCKEL格林12V000MCD照明
|
Marl International Limited TE Connectivity, Ltd.
|
CM335 CM383 CM70 CM342 CM111 CM8162 CM1769 CM1767 |
Wedge,Midget Screw Base
|
Visual Communications Company Visual Communications Compa... Visual Communications C...
|
R220CV |
TONGUE AND GROOVE SPRING LOADED PLIERS
|
List of Unclassifed Manufac...
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
PE9840 |
WAVEGUIDE TO N FEMALE WITH O-RING GROOVE FREQUENCY RANGE:3,95~5,85 GHz
|
Pasternack Enterprises, Inc.
|
550T041M |
D-Subminiature TAG Ring Split Backshell with Shrink Boot Groove
|
Glenair, Inc.
|
CWR06 CWR06CB155J CWR06CB155K CWR06CB155M CWR06CC1 |
Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified 固体钽芯片电容器侏儒军事,军用,脉冲重复频率,四分之五万五千三百六十五合 Solid Tantalum Chip Capacitors MIDGET Military/ MIL-PRF-55365/4 Qualified
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
1510125UG3 1510135UG3 1510135UR3 1510135UY3 151014 |
T 13/4 Midget Flange Based LED
|
Chicago Miniature Lamp,... CML[Chicago Miniature Lamp,inc] http://
|
202-000-04-51 202-302-23 202-301-33-38 202-991-33- |
Direct replacement for French Style T1 Midget Flange SX3s
|
Marl International Limited
|