PART |
Description |
Maker |
2SC4976 |
NPN Epitaxial Planar Silicon Transistors High-Definition CRT Display Video Output Applications
|
SANYO
|
2SC3950 |
NPN Epitaxial Planar Silicon Transistor High-Definition CRT Display Video Output Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4271 |
NPN Epitaxial Planar Silicon Transistor High-Definition CRT Display Video Output Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
2SA1403 2SC3597 |
PNP Epitaxial Planar Silicon Transistors Ultrahigh-Difinition CRT Display Video Output Applications NPN Epitaxial Planar Silicon Transistors Ultrahigh-Difinition CRT Display Video Output Applications
|
SANYO
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
2SC4824 2SA1850 0168 |
NPN Epitaxial Planar Silicon Transistor for High Definition CRT Display Video Output Applications(用于高分辨率CRT显示视频输出应用的NPN硅外延平面型晶体 瑞展硅晶体管高清晰度CRT显示器视频输出应用(用于高分辨率CRT显示器显示视频输出应用的npn型硅外延平面型晶体管 PNP/NPN Epitaxial Planar Silicon Transistors From old datasheet system PNP Epitaxial Planar Silicon Transistor High Definition CRT Display Video Output Applications NPN Epitaxial Planar Silicon Transistor High Definition CRT Display Video Output Applications
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd.
|
DTC115EM3T5G |
Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
BFN36 BFN38 Q62702-F1303 Q62702-F1246 |
From old datasheet system NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|