PART |
Description |
Maker |
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
NSBA123JF3T5G NSBA123TF3T5G NSBA143EF3T5G NSBA143Z |
BRT, PNP, 50 V, 100 mA, 100 k, none, SOT-1123 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors (BRT)
|
ON Semiconductor
|
DDA122LU-7-F DDA122TU-7-F DDA142TU-7-F DDA142JU-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
BC557CG BC557CZL1G BC556B07 |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
BCF29 BCF30 |
CONNECTOR 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP general purpose transistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC307BRL1G |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226
|
ON Semiconductor
|
DDTA123EKA-7-F DDTA114EKA-7-F DDTA143EKA-7-F |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
NSS1C200LT1G |
100V 2A Low Vce(sat) PNP SOT-23 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
ON Semiconductor
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BCY31A BCY31A.MOD |
100 mA, 64 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AA BIPOLAR PNP DEVICE IN A HERMETICALLY SEALED TO5 METAL PACKAGE.(64V, 0.1A)
|
SEMELAB LTD Seme LAB
|
UNR9113J UNR9111J UNR911AJ UNR911DJ UN911EJ UNR911 |
Silicon PNP epitaxial planar type 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Composite Device - Transistors with built-in Resistor
|
Panasonic, Corp.
|
MMSTA92-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
|