PART |
Description |
Maker |
AD8012ARM-REEL AD8012AR-REEL AD8012ARM-REEL7 AD801 |
Dual 350 MHz Low Power Amplifier
|
Analog Devices, Inc.
|
AD8039ART-R2 AD8039ART-REEL7 AD8038 AD8038_04 AD80 |
Low Power 350 MHz Voltage Feedback Amplifiers
|
AD[Analog Devices]
|
LTC6605-10 LTC6605CDJC-10-PBF LTC6605CDJC-10-TRPBF |
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
|
Linear Technology
|
LTC6403IUD-1-PBF LTC6403IUD-1-TRPBF LTC6403CUD-1-P |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
PTMC210204MD |
Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ?2200 MHz
|
Infineon Technologies A...
|
HLMP-2300 HLMP-2350 HLMP-2450 HLMP-2550 HLMP-2655 |
350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-SOIC -40 to 85 100-MHz Low-Noise High-Speed Amplifier 20-LCCC -55 to 125 LED LIGHT BARS SINGLE COLOR LED ARRAY, YELLOW, 8.89 mm LED LIGHT BARS SINGLE COLOR LED, YELLOW, 19.05 mm
|
http:// QT[QT Optoelectronics]
|
ASOP-207FP |
DUAL OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDIP14 PLASTIC, DIP-14
|
Commonwealth Industrial, Corp.
|
356LP3E |
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
|
美国讯泰微波有限公司上海代表
|
ANP1800M2-23 L735A L1300 ANP2300M12-10 |
1700 MHz - 1800 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER HERMETIC SEALED, CASE S003 735 MHz - 765 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 1215 MHz - 1365 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 2200 MHz - 2300 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
Sumida, Corp.
|
PETP1016 |
Low PIM 30 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
|
Pasternack Enterprises,...
|