PART |
Description |
Maker |
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
AAT3221IGV-28-2T1 |
150mA NanoPowerLDO Linear Regulator
|
Advanced Analogic Technologies, Inc.
|
MIC5247-1.85BM5 MIC5247-1.85BML MIC5247-1.85YM5 MI |
150mA Low-Voltage 渭Cap Linear Regulator 150mA Low-Voltage μCap Linear Regulator 1.85 V FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor MICREL INC
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
AP7312-1233W6-7 AP7312-1525W6-7 AP7312-1828W6-7 AP |
DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
|
Diodes Dialight Corporation
|
G914 |
150MA LOW-DROPOUT LINEAR REGULATORS
|
Electronic Theatre Controls, Inc. Global Mixed-mode Technology Inc
|
MAX8891 |
(MAX8891 / MAX8892) 150mA Linear Regulators
|
Maxim Integrated Products
|
SS62951D-33CSTB SS62951-33CSTB SS62951D-33CSTR SS6 |
150mA/ 300mA Low Dropout Linear Regulatror
|
Silicon Standard Corp.
|
AX1116A |
150mA Ultra Low Dropout Linear Regulator
|
AXElite
|
MP2000DJ-1.0 MP2000DJ-ADJ EV2000DJ-00A MP2000 |
Low Input Voltage 150mA Linear Regulator
|
MPS[Monolithic Power Systems]
|
LTC4054LES5-4.2TRMPBF |
150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
|
Linear Technology
|