PART |
Description |
Maker |
73K224L-IGT 73K224L-IP 73K224L-IH 73K224L-28IH |
V.22BIS/V.22/V.21/ BELL 212A/BELL 103 SINGLE-CHIP MODEM
|
TDK Semiconductor TDK Electronics ETC
|
73K324BL-IH 73K324BL-IGT 73K324BL |
22bis/V.22/V.21/V.23 Bell 212A Single-Chip Modem w/Integrated Hybrid CONN, SHROUDED HDR, 34PIN, MALE, 0.100 Four Wall Header; No. of Contacts:34; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Body Material:Glass-filled Polyester; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:Through Hole RoHS Compliant: No 单芯片调制解调器瓦特/集成混合
|
List of Unclassifed Manufacturers http:// TDK Semiconductor ETC[ETC] Electronic Theatre Controls, Inc.
|
CLM |
Standard : UL - IEC 300V - 250V 10A - 212A
|
Eldeco Srl
|
CMX868 |
V.22bis Call Setup with the CMX868
|
CONSUMER MICROCIRCUITS LIMITED
|
CX90240 |
V.22bis Modem with 4th Generation SmartDAA
|
Conexant Systems, Inc
|
SI2401 SI2401-FS SI3010 |
V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
DE8661 |
V.22bis User Manual for a socket modem
|
CMLMICRO[CML Microcircuits]
|
SI3008 SI3008-B-FS |
V.22BIS ISOMODEM㈢ WITH LOW-COST DAA
|
Silicon Laboratories
|
AWB-20R6-24 |
BELL
|
Projects Unlimited, Inc.
|
CMX624 |
V.23 / Bell 202 Modem
|
CML Microcircuits
|