PART |
Description |
Maker |
ZMD44101 |
Single-Chip 868MHz to 928MHz RF Transceiver
|
ZMD[Zentrum Mikroelektronik Dresden GmbH]
|
MAX2900ETI |
200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX2900-MAX2904 MAX2904EGI MAX2901 MAX2901EGI MAX2 |
200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands 200mW的单芯片发送器IC68MHz/915MHz ISM频段 Controllers, Phase angle; Leaded Process Compatible:No RoHS Compliant: Yes
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
FSLT-S087G |
2012 Size 806-928MHz Band Chip Multilayer RF Transformer
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
RA01L8693MA10 |
865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
|
Mitsubishi Electric Semiconductor
|
UPD70F3040GM-UEU UPD70F3040YGM-UEU UPD70F3003AGCA- |
32-bit RISC single-chip microcontroller "V850/SV1" 32-bit single-chip microcomputer 32-bit RISC single-chip microcontroller "V850/SA1" 32-bit RISC single-chip microcontroller(V850/SB1) 32-bit RISC single-chip microcontroller(V850/SB2) 32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
COR3 COR3-869-5 COR3-869-5-SAL COR3-869-5-SAL-H CO |
NBFM Multi-channel receiver for 868MHz SRD band
|
Radiometrix Ltd
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|