PART |
Description |
Maker |
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
ADG725 ADG725BCP ADG725BSU ADG731BCP ADG731BSU ADG |
16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, .5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 ?1.8 V to 5.5 V, ±2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, 【2.5 V, Analog Multiplexers 16-/32- Channel/ Serially Controlled 4 1.8 V to 5.5 V/ 2.5 V/ Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, .5 V, Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel
|
AD[Analog Devices] Analog Devices, Inc.
|
UT28F256 UT28F256T-45UPX 5962F9689103QXA 5962F9689 |
Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). 320 x 240 pixel format, LED or CFL Backlight Recalibration Service for 2120B B&K Oscilloscope Oscilloscope; Scope Type:Analog; Scope Bandwidth:30 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:12ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm Recalibration Service for 2125A B&K Oscilloscope Radiation-Hardened 32K x 8 PROM 辐射加固32K的8胎膜早破 Recalibration Service for 2120B B&K Oscilloscope 辐射加固32K的8胎膜早破 Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-Hardened 32K x 8 PROM
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc. NEC, Corp. Aeroflex Circuit Techno...
|
CPVS-ER9.5-1S-8P-Z |
ER cores and acces sories
|
Ferroxcube International Holding B.V.
|
CSV-RM8-2S-12P CSV-RM8-1S-8P-G CSV-RM8-1S-12P-G CS |
RM cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPHS-EFD12-1S-8P-Z |
EFD cores and acces sories
|
Ferroxcube International Holding B.V.
|
CSH-EFD25-1S-10P-TZ |
EFD cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPH-EFD15-1S-8PD-Z |
EFD cores and acces sories
|
Ferroxcube International Holding B.V.
|
AS1105 |
Serially Interfaced 4-Digit LED Driver
|
AMSCO
|
MAX350C/D MAX349C/D MAX350 MAX349-MAX350 |
Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers 串行控制,低电压-Channel/Dual 4通道多路复用 Serially Controlled / Low-Voltage / 8-Channel/Dual 4-Channel Multiplexers
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|