PART |
Description |
Maker |
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SD1592 2SD1592L |
Silicon transistor NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING TRANSISTOR | BJT | DARLINGTON | NPN | 300V V(BR)CEO | 5A I(C) | SOT-186
|
NEC Corp.
|
ASIS50-28 |
NPN SILICON RF POWER TRANSISTOR NPN SILICON RF POWER TRANSISTOR 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator HF BAND, Si, NPN, RF POWER TRANSISTOR
|
ASI[Advanced Semiconductor] Advanced Semiconductor, Inc. ADVANCED SEMICONDUCTOR INC
|
FJPF13007H2TTU FJPF13007TU |
NPN Silicon Transistor 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Transistor; Package: TO-220F; No of Pins: 3; Container: Rail 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
2SC4517 2SC4517A 2SC3832 |
Silicon NPN Triple Diffused Planar Transistor(High Voltage Switching Transistor)(硅NPN三倍扩散平面晶体管(高压开关晶体管 3 A, 550 V, NPN, Si, POWER TRANSISTOR, TO-220AB Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
BFS466L6 BFS466L6E6327 |
NPN Silicon RF TWIN Transistor NPN硅射频双晶体 RF-Bipolar - Dual NPN Silicon RF transistor in TSLP-3 package ideal for Low Noise Amplifiers and VCO Modules
|
INFINEON[Infineon Technologies AG]
|
BC337BU BC33725TAR BC33740TANL BC33716TAR BC33716T |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Zetex Semiconductor PLC Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2SD596 2SD596-L 2SD596-T2B 2SD596DV1 2SD596DV4 2SD |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 700MA I(C) | SOT-346 晶体管|晶体管|叩| 25V的五(巴西)总裁| 700mA的一(c)|的SOT - 346 AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD Silicon transistor
|
NEC, Corp. NEC Corp. ETC
|
BC639L34Z BC639D74Z |
NPN Epitaxial Silicon Transistor 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
|