PART |
Description |
Maker |
SKM200GB123D |
Semitrans 1 Gbit Modules
|
Semikron
|
SKM50GAL123D SKM50GB123D SKM50GB123D1 |
SEMITRANS? M IGBT Modules SEMITRANS垄莽 M IGBT Modules SEMITRANS㈢ M IGBT Modules
|
Semikron International
|
S34MS01G2 S34MS02G2 S34MS04G2 |
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
|
Cypress Semiconductor
|
V23838-M305-M56 |
Transceivers by Form-factor MSA - SFP Multimode 850 nm; 2.125/ 1.062 Gbit/s FC; 1.25 Gbit/s GBE; LC Connector
|
Infineon
|
V23818-K15-L46 V23818-K15-L16 |
Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector 纤巧单模1300纳米1.0625 Gbit / s的光纤通道1.25千兆以太网收发器2x5/2x10的LC连接器钢
|
Infineon Technologies AG
|
V23818-N15-L656 V23818-N15-L653 V23818-N15-L616 IN |
Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LCConnector, with Collar 纤巧单模1300波长多速率可达2.5 Gbit / s的收发器的LC⑩连x10钢钉,以 Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector, with Collar
|
Infineon Technologies AG
|
V23818-N15-L17 V23818-N15-L16 V23818-N15-L353 V238 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, collar, active data output if SD low Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, AC-AC Coupling ext. Temp Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, DC-DC Coupling ext. Temp Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC?/a> Connector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector
|
Infineon Technologies AG
|
HYI18T1G400BF-2.5 HYI18T1G400BF-2.5F HYI18T1G800BC |
1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.5 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.6 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.45 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 64M X 16 DDR DRAM, 0.5 ns, PBGA84 1-Gbit Double-Data-Rate-Two SDRAM
|
Qimonda AG http://
|
V23818-M305-B57 2.125AND1.0625GBDLCSFP |
Transceivers by Form-factor MSA - SFP - Multimode 850nm VCSEL; 2.125 and 1.0625 Gbit/s FC; 1.25 GBE TRX with LC-Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC Connector
|
Infineon Technologies AG
|
PM20CSJ060 PM400DAS060 PM100DSA120 PM300CVA060 PM3 |
IPMS Modules: 600V MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE IPMS Modules:1200V 50Amp - intelligent power modules
|
Mitsubishi Electric Corporation
|