PART |
Description |
Maker |
ULA6102N UL1102N UL1101N UL1101 UL1102 ULA6102 |
2 Kbit serial I²C bus EEPROM for DIMM serial presence detect 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM PARAMETRY DOPUSZCZALNE Dwa wzmacniacze rnicowe
|
List of Unclassifed Manufacturers ETC[ETC] Ultra CEMI
|
AT24C04C-SSHM-T AT24C08C-SSHM-T AT24C08C-SSHM-B AT |
I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
|
ATMEL Corporation
|
AT88RF020 AT88RF020-WBC-10 AT88RF020-WBC-82 AT88RF |
Low-cost 2-Kbit RF Memory with Password, ISO/IEC 14443 Type B compliant 13.56 MHz/ 2048-bit RFID EEPROM
|
Atmel
|
LC87F40C8A |
Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704×10-bit CRT Display RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
AT25080BU3-UU-T AT25160BU3-UU-T |
SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
|
ATMEL Corporation
|
CY14B116M-ZSP25XI CY14B116M-ZSP25XIT |
16-Mbit (2048 K 8/1024 K 16) nvSRAM with Real Time Clock
|
Cypress
|
AT24C01A |
2-wire Automotive Serial EEPROM 1K (128 x 8) 2K (256 x 8) 4K (512 x 8) 8K (1024 x 8) 16K (2048 x 8)
|
Atmel Corporation
|
IDT72221L20LB IDT72201L50LB IDT72201L15L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 1K X 9 OTHER FIFO, 12 ns, CQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, 25 ns, CQCC32
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
M440T1MV-15ZA9 M440T1MV |
3.3V, 32 Mbit (1024 Kbit x 32) TIMEKEEPER SRAM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74V2G241 74V2G241STR |
DUAL BUS BUFFER NON INVERTED (3-STATE) 16K, 1024 X 16 OR 2048 X 8 SERIAL EE, -40C to 125C, 8-TSSOP, TUBE
|
ST Microelectronics
|