PART |
Description |
Maker |
IDT74FCT162501CT IDT74FCT162501AT IDT74FCT162501CT |
18-Bit Registered Transciever FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
IDT74FCT16501CTPA IDT74FCT16501CTPAB IDT74FCT16501 |
FAST CMOS 18-BIT REGISTERED TRANSCEIVER 快速CMOS 18位注册收发器 CAP 10UF 6V 10% TANT SMD-3528-12 TR-7-PL GOLD LOWESR-1200 FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 6V 10% TANT SMD-3528-12 TR-7-PL SN100% LOWESR-1200 FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
74AVC16835A 74AVC16835A_5 74AVC16835ADGG 74AVC1683 |
18-bit registered driver with Dynamic Controlled OutputsE (3-State) From old datasheet system 74AVC16835A; 18-bit registered driver with Dynamic Controlled Outputs(TM) (3-State) BUFFER/DRIVER|SINGLE|18-BIT|AVC/ALVC-CMOS|TSSOP|56PIN|PLASTIC 缓冲驱动器|单|18位|AVC/ALVC-CMOS|TSSOP|56引脚|塑料
|
NXP Semiconductors N.V. Philips
|
BS62LV8005 BS62LV8005BC BS62LV8005BI BS62LV8005EC |
DDR-II, 25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer Very Low Power/Voltage CMOS SRAM 1M X 8 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
IDT74FCT163501C IDT74FCT163501A IDT74FCT163501CPF |
BUS TRANSCEIVER|SINGLE|18-BIT|FCT/PCT-CMOS|TSSOP|56PIN|PLASTIC 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74LVCH16501A |
3.3V CMOS 18-BIT REGISTERED BUS TRANSCEIVER
|
IDT
|
IDT74FCT162H501CT IDT54FCT162H501CT |
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
PI74FCT162H646T PI74FCT162H646TK PI74FCT162H646TV |
Fast CMOS 16-Bit Registered Transceivers
|
Pericom Technology
|
ASM4SSTVF32852 ASM4SSTVF32852-114BT ASM4ISSTVF3285 |
DDR 24-Bit to 48-Bit Registered Buffer SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 Specialty Clock Management 2.3 V -2.7 V, DDR 24-bit to 48-bit registered buffer
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
IDT74LVC16652A 74LVC16652A_DS_78566 |
3.3V CMOS 16-BIT BUS REGISTERED TRANSCEIVER,5 VOLT TOLERANT I/O From old datasheet system
|
IDT
|
IDT74ALVCH16952 74ALVCH16952_DS_81316 IDT74ALVCH16 |
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT[Integrated Device Technology]
|