PART |
Description |
Maker |
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
IDT49C460 IDT49C460A IDT49C460AFF IDT49C460AFFB ID |
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
|
IDT[Integrated Device Technology]
|
LC7071NM LC7070NM LC7070N |
Sync and Error Detection & Correction ICs for RDS CMOS IC
|
Sanyo
|
IDT49C465 IDT49C465A IDT49C465AG IDT49C465AGB IDT4 |
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
|
IDT[Integrated Device Technology]
|
ALED1642GW ALED1642GWXTTR |
16 Channels LED driver with Error detection, Current Gain Control and 12/16 bit PWM Brightness control for automotive applications
|
ST Microelectronics
|
MPT1327 |
Error Detection & Correction of MPT1327 Formatted Messages
|
CONSUMER MICROCIRCUITS LIMITED
|
DD312 |
HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
|
Silicon Touch Technology Inc.
|
PCA9922BS PCA9922N PCA9922PW |
8-channel constant current LED driver with output error detection
|
NXP Semiconductors
|
ACS630D ACS630HMSR ACS630K ACS630MS FN3199 5962F96 |
From old datasheet system Radiation Hardened EDAC (Error Detection and Correction Circuit)
|
INTERSIL[Intersil Corporation]
|
SI91821DH-AD-T1 SI91821DH-AD-T1-E3 SI91821 SI91821 |
Micropower 300-mA CMOS LDO Regulator With Error Flag 300毫安的CMOS LDO稳压器国旗错 Micropower 300-mA CMOS LDO Regulator With Error Flag 00毫安的CMOS LDO稳压器国旗错 RF/Coaxial Connector; RF Coax Type:BNC; Impedance:50ohm; Body Style:Straight Jack; Contact Material:Phosphor Bronze; Insulator Material:Teflon; Mounting Type:PC Board Edge RoHS Compliant: Yes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|