PART |
Description |
Maker |
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
P4C1024-17PC P4C214-17PPC P4C1024-17JC P4C1024-17J |
128K X 8 STANDARD SRAM, 17 ns, PDIP32 PLASTIC, DIP-32 16K X 16 CACHE SRAM, 17 ns, PQCC52 PLASTIC, LCC-52 128K X 8 STANDARD SRAM, 17 ns, PDSO32 SOJ-32 64K X 1 STANDARD SRAM, 10 ns, PDIP22 1K X 4 STANDARD SRAM, 10 ns, PDIP18 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Performance Semiconductor, Corp. Pyramid Semiconductor, Corp. PERFORMANCE SEMICONDUCTOR CORP PYRAMID SEMICONDUCTOR CORP
|
R1RW0416DSB-2PR R1RW0416D R1RW0416DGE-2LR R1RW0416 |
4M High Speed SRAM (256-kword x 16-bit) Memory>Fast SRAM>Asynchronous SRAM
|
SRAM Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
R1RP0416DSB-2PR R1RP0416D R1RP0416DGE-2LR R1RP0416 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (256-kword X 16-bit) From old datasheet system
|
http:// RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
R1RW0404DGE-2PR R1RW0404D R1RW0404DGE-2LR REJ03C01 |
Memory>Fast SRAM>Asynchronous SRAM 4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
|
RENESAS[Renesas Electronics Corporation]
|
AS5C4009LLDG-100/XT AS5C4009LLDG-100/IT AS5C4009LL |
512K*8 SRAM ultra Low power SRAM AVAILABLE AS MILITARY SPECIFICATION x8 SRAM x8的SRAM
|
Austin Semiconductor, Inc
|
AS7C251MPFD32_36A AS7C251MPFD36A-200TQIN AS7C251MP |
Sync SRAM - 2.5V 2.5V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.1 ns, PQFP100
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] SRAM Alliance Semiconductor, Corp.
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
M48T08 M48T0807 M48T08Y M48T18 |
64Kb (8K x 8) TIMEKEEPER SRAM(64KTIMEKEEPER SRAM) 64Kb的(8K的8)计时器的SRAM4K的位计时器的SRAM 5V, 64Kbit (8 Kb x 8) TIMEKEEPER? SRAM 5V, 64Kbit (8 Kb x 8) TIMEKEEPER庐 SRAM
|
STMicroelectronics N.V. 意法半导
|
WS512K32-70 WS512K32-85 WS512K32-100 WS512K32F-85H |
85ns; 5V power supply; 512K x 32 SRAM module, SMD 5962-94611 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????0ns锛? 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????00ns锛? 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时5ns 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时0ns
|
White Electronic Designs Corporation
|
M48Z2M1Y10 M48Z2M1V-85PL1 M48Z2M1Y-85PL1 M48Z2M1Y- |
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER庐 SRAM 5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER? SRAM 2M X 8 NON-VOLATILE SRAM MODULE, 70 ns, PDIP36
|
STMicroelectronics
|