PART |
Description |
Maker |
AAT3111 AAT3111-33 AAT3111IGU-33-T1 AAT3111IJS-33- |
MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower⑩ Regulated Charge Pump MICROPOWER⒙ REGULATED CHARGE PUMP MicroPower Regulated Charge Pump
|
Advanced Analogic Technologies, Inc.
|
AT1310X-PBF |
MicroPower Charge Pump Converter
|
Aimtron Technology Corp.
|
CM3702 CM3702-50DE CM3702-50DF CM3702-50MR CM37025 |
Micropower Low-Noise Charge-Pump and Linear Regulator Micropower Low-Noise Charge-Pump and Linear Regulator 微功耗低噪声电荷泵和线性稳压器
|
California Micro Device... CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation Wickmann by Littelfuse
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LX1882-33CDM LX1882-33CDU LX1882-00CDM LX1882-00CD |
Charge Pump Doubler with Linear Regulator Charge Pump 电荷
|
Microsemi Corporation Microsemi, Corp.
|
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
ADM8840 ADM8840ACP |
Charge Pump Regulator & COM Driver for Color TFT Panel 20-17 (6 Contacts) Socket Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:6 Charge Pump Regulator & COM Driver for Color TFT Panel
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX1673 MAX1673ESA 1825 |
Regulated, 125mA Output, Charge Pump DC-DC Inverter From old datasheet system Regulated, 125mA-Output, Charge-Pump DC-DC Inverter Regulated / 125mA-Output / Charge-Pump DC-DC Inverter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|