PART |
Description |
Maker |
MX7535JP-T MX7537JCWG-T MX7524UQ/883B MX7533LEPE M |
Microprocessor-Compatible, 14-Bit DACs PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24 Improved MX7524 PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 CMOS, Low-Cost, 10-Bit Multiplying D/A Converter PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PQCC20 PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, UUC27
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD5725BRSZ-500RL7 AD5725ARSZ-500RL7 |
Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC; Package: SSOP; No of Pins: 28; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, PDSO28
|
Analog Devices, Inc.
|
AD8582 AD8582AN AD8582AR AD8582CHIPS |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, UUC24 5 Volt/ Parallel Input Complete Dual 12-Bit DAC
|
Analog Devices, Inc. AD[Analog Devices]
|
HC164 SL74HC164 SL74HC164D SL74HC164N 74HC164 |
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
|
SLS[System Logic Semiconductor]
|
M28C17-15BS6 M28C17-15KA6 M28C17-15MS6 M28C17-15NS |
16K (2K X8) PARALLEL EEPROM From old datasheet system Dual 4-Input Positive-AND Gates 14-PDIP 0 to 70 Dual 4-Input Positive-NAND Gates 14-SO 0 to 70 16 Kbit 2Kb x8 Parallel EEPROM 16千位2KB的x8并行的EEPROM Dual 4-Input Positive-AND Gates 14-SOIC 0 to 70 16千位2KB的x8并行的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AD7392 AD7392AN AD7392AR AD7393 AD7393AN AD7393AR |
3 V, Parallel Input Micropower 10- and 12-Bit DACs PARALLEL, WORD INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDIP20 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:250A; Gate Trigger Current Max, Igt:4A; Package/Case:ND43; Current Rating:250A RoHS Compliant: Yes
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1657IGN LTC1657IN LTC1657I LTC1657CGN LTC1657 L |
Low-Power Dual LinCMOS<TM> Timer 20-LCCC -55 to 125 PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Low-Power Dual LinCMOS<TM> Timer 14-CDIP -55 to 125
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD5378ABCZ |
32-Channel 14-Bit Serial/Parallel Bipolar D/A Converter; Package: CSPBGA (13x13x1.7mm); No of Pins: 108; Temperature Range: Industrial SERIAL, PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 14-BIT DAC, PBGA108
|
Analog Devices, Inc.
|
M29F100BB-45N1T M29F100BT-45N1T M29F100BT-70N1T M2 |
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory 1兆位28KBx84Kbx16,有启动区域的单电源闪存 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 20-PLCC -25 to 85 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Octal Magnitude Comparators 24-SOIC 0 to 70 1兆位28KB x84Kb的x16插槽,启动座单电源闪 1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory 1兆位128KBx84Kbx16,有启动区域的单电源闪存 Quadruple 2-Input Positive-NAND Gate 14-VQFN -40 to 85 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Dual 4-Bit D-Type Edge-Triggered Flip-Flops 24-SOIC 0 to 70 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Octal Magnitude Comparators 24-PDIP 0 to 70 Dual 4-Bit D-Type Edge-Triggered Flip-Flops 24-PDIP 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-PDIP 0 to 70 Quadruple 2-Input Exclusive-OR Gates 14-SOIC 0 to 70 Quadruple 2-Input Exclusive-OR Gates 14-PDIP 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 20-PLCC 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-PDIP -40 to 85 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-SOIC 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-TSSOP 0 to 70 8-Bit, 5 us Quad DAC, Parallel Input, Single / Dual Supply 20-LCCC -55 to 125
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
WM2619 WM2619IDT WM2619CDT |
12-BIT PARALLEL INPUT, VOLTAGE-OUTPUT DAC From old datasheet system 12-bit Parallel Input Voltage Output DAC
|
WOLFSON[Wolfson Microelectronics plc]
|
SL74HC597 SL74HC597D SL74HC597N |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch(High-Performance Silicon-Gate CMOS)
|
SLS[System Logic Semiconductor]
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
|