PART |
Description |
Maker |
TEW6018-S TEW6018 |
ISDN U-BUS Input/Output Transformer
|
FILTRAN[Filtran LTD]
|
TEW6197 TEW6197-4 |
ISDN S-Bus Input/Output Transformer
|
Filtran LTD
|
TEW5714 |
ISDN U-BUS Input/Output Transformer
|
Filtran LTD
|
TPW5640 |
ISDN U-Bus Input/Output Transformer
|
Filtran LTD
|
TPW4670 |
ISDN S-Bus Input/Output Transformer
|
Filtran
|
6796 |
ISDN U-BUS INPUT/OUTPUT TRANSFORMERS
|
Filtran Ltd.
|
TEW5039 TEW5039-1 |
ISDN U-BUS/DNIC Input/Output Transformer
|
Filtran LTD
|
HIM052405S HIM054805S HIM054812S HIM054815S |
5 W DC/DC HIM module with 9-36 V input, 5 V/1000 mA output 5 W DC/DC HIM module with 36-72 V input, 5 V/1000 mA output 5 W DC/DC HIM module with 36-72 V input, 12 V/500 mA output 5 W DC/DC HIM module with 36-72 V input, 15 V/400 mA output
|
HN Electronic Components
|
GBPC1510W GBPC15005 GBPC15005W GBPC1501 GBPC1501W |
12-W, 3.3/5-V Input, Wide Adjust Output Boost Converter 4-DIP MODULE -40 to 85 6-W, 3.3/5-V Input, Wide Adjust Output Positive-to-Negative Converter 5-DIP MODULE -40 to 85 15A GLASS PASSIVATED BRIDGE RECTIFIER 1.5 A, Wide Input, Non-Isolated, Wide Negative Output Adjust Module 5-DIP MODULE
|
Diodes Inc. DIODES[Diodes Incorporated]
|
VRPB-15E VRPB-15E33L |
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 非隔离式DC / DC转换.5 13.2 V输入0.9 V 5.0V/15 A输出 NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 1-OUTPUT 48.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
X4ODC24A X4ODC15A |
Input/Output Module; Input Current Max:15mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:30.5V; Supply Voltage Min:18V; Output Voltage Max:200V; Output Voltage Min:5V Input/Output Module; Input Current Max:20mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:20V; Supply Voltage Min:10V; Output Voltage Max:200V; Output Voltage Min:5V
|
CRYDOM CORP
|